Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4317-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA4317-Q1
Description  Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4317-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4317-Q1 Datasheet HTML 4Page - Texas Instruments OPA4317-Q1 Datasheet HTML 5Page - Texas Instruments OPA4317-Q1 Datasheet HTML 6Page - Texas Instruments OPA4317-Q1 Datasheet HTML 7Page - Texas Instruments OPA4317-Q1 Datasheet HTML 8Page - Texas Instruments OPA4317-Q1 Datasheet HTML 9Page - Texas Instruments OPA4317-Q1 Datasheet HTML 10Page - Texas Instruments OPA4317-Q1 Datasheet HTML 11Page - Texas Instruments OPA4317-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
OPA317-Q1, OPA2317-Q1, OPA4317-Q1
SLOS914 – JULY 2016
www.ti.com
Product Folder Links: OPA317-Q1 OPA2317-Q1 OPA4317-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
300-hour life test at 150°C demonstrated randomly distributed variation of approximately 1 μV.
6.7 Electrical Characteristics: VS = 1.8 V to 5.5 V
At TA = 25°C, RL = 10 kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
20
±90
μV
TA = –40°C to +125°C, VS = 5 V
±100
dVOS/dT
Input offset voltage
vs temperature
TA = –40°C to +125°C
0.05
μV/°C
PSRR
Input offset voltage
vs power supply
TA = –40°C to +125°C, VS = 1.8 V to 5.5 V
1
10
μV/V
Long-term stability(1)
See (1)
Channel separation, DC
5
μV/V
INPUT BIAS CURRENT
IB
Input bias current
±275
pA
OPA4317-Q1
±155
TA = –40°C to +125°C
±300
IOS
Input offset current
±400
pA
OPA4317-Q1
±140
NOISE
en
Input voltage noise density
f = 1 kHz
55
nV/
√Hz
Input voltage noise
f = 0.01 Hz to 1 Hz
0.3
μVPP
f = 0.1 Hz to 10 Hz
1.1
in
Input current noise
f = 10 Hz
100
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
TA = –40°C to +125°C
(V–) – 0.1 V < VCM < (V+) + 0.1 V
95
108
dB
OPA4317
TA = –40°C to +125°C
(V–) – 0.1 V < VCM < (V+) + 0.1 V, VS = 5.5 V
95
108
INPUT CAPACITANCE
Differential
2
pF
Common-mode
4
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
TA = –40°C to +125°C, RL = 10 kΩ
(V–) + 100 mV < VO < (V+) – 100 mV
100
110
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
CL = 100 pF
300
kHz
SR
Slew rate
G = 1
0.15
V/μs
OUTPUT
Voltage output swing from rail
TA = –40°C to +125°C
30
100
mV
ISC
Short-circuit current
±5
mA
CL
Capacitive load drive
See the Typical Characteristics section
Open-loop output impedance
f = 350 kHz, IO = 0
2
k
POWER SUPPLY
VS
Specified voltage
1.8
5.5
V
IQ
Quiescent current per amplifier
TA = –40°C to +125°C, IO = 0
21
35
μA
Turnon time
VS = 5 V
100
µs


Similar Part No. - OPA4317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4317-Q1 TI1-OPA4317-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA4317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI-OPA317 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
logo
Rohm
LMR1001YF-C ROHM-LMR1001YF-C Datasheet
1Mb / 20P
   Automotive Zero Drift Low Offset Voltage Rail-to-Rail input/output CMOS Operational Amplifier
16.Jan.2023 Rev.001
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
   350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
   350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5761 E-CMOS-EC5761 Datasheet
451Kb / 13P
   1.5M, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com