Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4317-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA4317-Q1
Description  Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4317-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA4317-Q1 Datasheet HTML 13Page - Texas Instruments OPA4317-Q1 Datasheet HTML 14Page - Texas Instruments OPA4317-Q1 Datasheet HTML 15Page - Texas Instruments OPA4317-Q1 Datasheet HTML 16Page - Texas Instruments OPA4317-Q1 Datasheet HTML 17Page - Texas Instruments OPA4317-Q1 Datasheet HTML 18Page - Texas Instruments OPA4317-Q1 Datasheet HTML 19Page - Texas Instruments OPA4317-Q1 Datasheet HTML 20Page - Texas Instruments OPA4317-Q1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
V+
ILOAD
A1
A2
Q1
Q2
+
+
+
±
VIN
RLOAD
RS1
RS2
RS3
IRS1
IRS2
IRS3
VRS2
VRS3
VRS1
VLOAD
V+
C6
C7
R3
R5
R4
R2
470
4.7
2200 pF
330
10 k
200
1000 pF
10 k
2 k
Copyright © 2016, Texas Instruments Incorporated
17
OPA317-Q1, OPA2317-Q1, OPA4317-Q1
www.ti.com
SLOS914 – JULY 2016
Product Folder Links: OPA317-Q1 OPA2317-Q1 OPA4317-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.2 Typical Applications
The circuit shown in Figure 22 is a high-side voltage-to-current (V-I) converter. It translates an input voltage of
0 V to 2 V to an output current of 0 mA to 100 mA. Figure 23 shows the measured transfer function for this
circuit. The low offset voltage and offset drift of the OPA317 facilitate excellent DC accuracy for the circuit.
Figure 22. High-Side Voltage-to-Current (V-I) Converter
9.2.1 Design Requirements
The design requirements are as follows:
Supply Voltage: 5-V DC
Input: 0-V to 2-V DC
Output: 0-mA to 100-mA DC
9.2.2 Detailed Design Procedure
The V-I transfer function of the circuit is based on the relationship between the input voltage, VIN, and the three
current-sensing resistors: RS1, RS2, and RS3. The relationship between VIN and RS1 determines the current that
flows through the first stage of the design. The current gain from the first stage to the second stage is based on
the relationship between RS2 and RS3.


Similar Part No. - OPA4317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4317-Q1 TI1-OPA4317-Q1 Datasheet
1Mb / 31P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA4317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI-OPA317 Datasheet
1Mb / 29P
Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
logo
Rohm
LMR1001YF-C ROHM-LMR1001YF-C Datasheet
1Mb / 20P
Automotive Zero Drift Low Offset Voltage Rail-to-Rail input/output CMOS Operational Amplifier
16.Jan.2023 Rev.001
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5761 E-CMOS-EC5761 Datasheet
451Kb / 13P
1.5M, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com