Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4317-Q1 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA4317-Q1
Description  Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4317-Q1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA4317-Q1 Datasheet HTML 12Page - Texas Instruments OPA4317-Q1 Datasheet HTML 13Page - Texas Instruments OPA4317-Q1 Datasheet HTML 14Page - Texas Instruments OPA4317-Q1 Datasheet HTML 15Page - Texas Instruments OPA4317-Q1 Datasheet HTML 16Page - Texas Instruments OPA4317-Q1 Datasheet HTML 17Page - Texas Instruments OPA4317-Q1 Datasheet HTML 18Page - Texas Instruments OPA4317-Q1 Datasheet HTML 19Page - Texas Instruments OPA4317-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
V
OUT
R = 20 kW
P
Op Amp V = GND
-
Device
V
IN
V+ = 5 V
-5 V
Additional
Negative
Supply
16
OPA317-Q1, OPA2317-Q1, OPA4317-Q1
SLOS914 – JULY 2016
www.ti.com
Product Folder Links: OPA317-Q1 OPA2317-Q1 OPA4317-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The OPA317-Q1, OPA2317-Q1, and OPA4317-Q1 are unity-gain stable, precision operational amplifiers free
from unexpected output and phase reversal. Proprietary Zerø-Drift circuitry gives the benefit of low input offset
voltage over time and temperature, as well as lowering the 1/f noise component. As a result of the high PSRR,
these devices work well in applications that run directly from battery power without regulation. The OPA317-Q1
family is optimized for low-voltage, single-supply operation. These miniature, high-precision, low quiescent
current amplifiers offer high impedance inputs that have a common-mode range 100 mV beyond the supplies,
and a rail-to-rail output that swings within 100 mV of the supplies under normal test conditions. The OPA317-Q1
series are precision amplifiers for cost-sensitive applications.
9.1.1 Achieving Output Swing to the Op Amp Negative Rail
Some applications require output voltage swings from 0 V to a positive full-scale voltage (such as 2.5 V) with
excellent accuracy. With most single-supply operational amplifiers, problems arise when the output signal
approaches 0 V, near the lower output swing limit of a single-supply operational amplifier. A good single-supply
operational amplifier may swing close to single-supply ground, but does not reach ground. The output of the
OPA317-Q1, OPA2317-Q1, and OPA4317-Q1 can be made to swing to ground, or slightly below, on a single-
supply power source. To do so requires the use of another resistor and an additional, more negative power
supply than the operational amplifier negative supply. A pulldown resistor can be connected between the output
and the additional negative supply to pull the output down below the value that the output would otherwise
achieve, as shown in Figure 21.
Figure 21. For VOUT Range to Ground
The OPA317-Q1, OPA2317-Q1, and OPA4317-Q1 have an output stage that allows the output voltage to be
pulled to its negative supply rail, or slightly below, using the technique previously described. This technique only
works with some types of output stages. The OPA317-Q1, OPA2317-Q1, and OPA4317-Q1 have been
characterized to perform with this technique; the recommended resistor value is approximately 20 k
Ω. This
configuration increases the current consumption by several hundreds of microamps. Accuracy is excellent down
to 0 V and as low as –2 mV. Limiting and nonlinearity occur below –2 mV, but excellent accuracy returns as the
output drives back up above –2 mV. Lowering the resistance of the pulldown resistor allows the operational
amplifier to swing even further below the negative rail. Use resistances as low as 10 k
Ω to achieve excellent
accuracy down to –10 mV.


Similar Part No. - OPA4317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4317-Q1 TI1-OPA4317-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA4317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI-OPA317 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
logo
Rohm
LMR1001YF-C ROHM-LMR1001YF-C Datasheet
1Mb / 20P
   Automotive Zero Drift Low Offset Voltage Rail-to-Rail input/output CMOS Operational Amplifier
16.Jan.2023 Rev.001
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
   350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
   350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5761 E-CMOS-EC5761 Datasheet
451Kb / 13P
   1.5M, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com