Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA317-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA317-Q1
Description  Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA317-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA317-Q1 Datasheet HTML 10Page - Texas Instruments OPA317-Q1 Datasheet HTML 11Page - Texas Instruments OPA317-Q1 Datasheet HTML 12Page - Texas Instruments OPA317-Q1 Datasheet HTML 13Page - Texas Instruments OPA317-Q1 Datasheet HTML 14Page - Texas Instruments OPA317-Q1 Datasheet HTML 15Page - Texas Instruments OPA317-Q1 Datasheet HTML 16Page - Texas Instruments OPA317-Q1 Datasheet HTML 17Page - Texas Instruments OPA317-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
CORE
-IN
+IN
Clamp
10 kW
10 kW
5 kW
Device
10 mA max
5 V
V
IN
V
OUT
I
OVERLOAD
14
OPA317-Q1, OPA2317-Q1, OPA4317-Q1
SLOS914 – JULY 2016
www.ti.com
Product Folder Links: OPA317-Q1 OPA2317-Q1 OPA4317-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Input Voltage
The OPA317-Q1, OPA2317-Q1, and OPA4317-Q1 input common-mode voltage range extends 0.1 V beyond the
supply rails. The OPA317-Q1 device is designed to cover the full range without the troublesome transition region
found in some other rail-to-rail amplifiers.
Typically, input bias current is about 200 pA; however, input voltages exceeding the power supplies can cause
excessive current to flow into or out of the input pins. Momentary voltages greater than the power supply can be
tolerated if the input current is limited to 10 mA. This limitation is easily accomplished with an input resistor, as
shown in Figure 19.
NOTE: Current limiting resistor required if input voltage exceeds supply rails by
≥ 0.3 V.
Figure 19. Input Current Protection
8.3.3 Input Differential Voltage
The typical input bias current of the OPA317-Q1 during normal operation is approximately 200 pA. In overdriven
conditions, the bias current can increase significantly (see Figure 17).The most common cause of an overdriven
condition occurs when the operational amplifier is outside of the linear range of operation. When the output of the
operational amplifier is driven to one of the supply rails, the feedback loop requirements cannot be satisfied, and
a differential input voltage develops across the input pins. This differential input voltage results in activation of
parasitic diodes inside the front-end input chopping switches that combine with 10-kΩ electromagnetic
interference (EMI) filter resistors to create the equivalent circuit shown in Figure 20.
NOTE
The input bias current remains within specification within the linear region.
Figure 20. Equivalent Input Circuit
8.3.4 Internal Offset Correction
The OPA317-Q1, OPA2317-Q1, and OPA4317-Q1 operational amplifiers use an auto-calibration technique with
a time-continuous, 125-kHz operational amplifier in the signal path. This amplifier is zero-corrected every 8 μs
using a proprietary technique. Upon power up, the amplifier requires approximately 100 μs to achieve specified
VOS accuracy. This design has no aliasing or flicker noise.
8.3.5 EMI Susceptibility and Input Filtering
Operational amplifiers vary in susceptibility to EMI. If conducted EMI enters the operational amplifier, the DC
offset observed at the amplifier output may shift from its nominal value while the EMI is present. This shift is a
result of signal rectification associated with the internal semiconductor junctions. While all operational amplifier
pin functions can be affected by EMI, the input pins are likely to be the most susceptible. The OPA317-Q1
operational amplifier family incorporates an internal input low-pass filter that reduces the amplifier response to
EMI. Both common-mode and differential mode filtering are provided by the input filter. The filter is designed for a
cutoff frequency of approximately 8 MHz (–3 dB), with a roll-off of 20 dB per decade.


Similar Part No. - OPA317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI-OPA317 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
logo
Rohm
LMR1001YF-C ROHM-LMR1001YF-C Datasheet
1Mb / 20P
   Automotive Zero Drift Low Offset Voltage Rail-to-Rail input/output CMOS Operational Amplifier
16.Jan.2023 Rev.001
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
   350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
   350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5761 E-CMOS-EC5761 Datasheet
451Kb / 13P
   1.5M, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com