Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221-Q1
Description  Current and Voltage Monitor with Programmable Overcurrent Alerts
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA3221-Q1 Datasheet HTML 11Page - Texas Instruments INA3221-Q1 Datasheet HTML 12Page - Texas Instruments INA3221-Q1 Datasheet HTML 13Page - Texas Instruments INA3221-Q1 Datasheet HTML 14Page - Texas Instruments INA3221-Q1 Datasheet HTML 15Page - Texas Instruments INA3221-Q1 Datasheet HTML 16Page - Texas Instruments INA3221-Q1 Datasheet HTML 17Page - Texas Instruments INA3221-Q1 Datasheet HTML 18Page - Texas Instruments INA3221-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
20
21
22
23
24
25
26
1000
2000
3000
4000
5000
6000
7000
Samples
1 Average
16 Averages
1024 Averages
G020
AVG #
÷
New
Sample
±
+
+
+
Output
Register
15
INA3221-Q1
www.ti.com
SBOS776B – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: INA3221-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Averaging Function
The INA3221-Q1 includes three channels to monitor up to three independent supply buses; however,
multichannel monitoring sometimes results in poor shunt-resistor placement. Ideally, shunt resistors are placed
as close as possible to the corresponding channel input pins. However, because of system layout and multiple
power-supply rails, one or more shunt resistors may have to be located further away, thus presenting potentially
larger measurement errors. These errors result from additional trace inductance and other parasitic impedances
between the shunt resistor and input pins. Longer traces also create an additional potential for coupling noise
into the signal if they are routed near noise-generating sections of the board.
The INA3221-Q1 averaging function mitigates this potential problem by limiting the impact that any single
measurement has on the averaged value of each measured signal. This limitation reduces the influence that
noise has on the averaged value, thereby effectively creating an input-signal filter.
The averaging function is illustrated in Figure 23. Operation begins by first measuring the shunt input signal on
channel 1. This value is then subtracted from the previous value that was present in the corresponding data
output register. This difference is then divided by the value programmed by the averaging mode setting (AVG2-0,
Configuration register bits 11-9) and stored in an internal accumulation register. The computed result is then
added to the previously-loaded data output register value, and the resulting value is loaded to the corresponding
data output register. After the update, the next signal to be measured follows the same process. The larger the
value selected for the averaging mode setting, the less impact or influence any new conversion has on the
average value, as shown in Figure 24. This averaging feature functions as a filter to reduce input noise from the
averaged measurement value.
Figure 23. Averaging Function Block Diagram
Figure 24. Average Setting Example


Similar Part No. - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Texas Instruments
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
logo
Analog Devices
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com