Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221-Q1
Description  Current and Voltage Monitor with Programmable Overcurrent Alerts
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  INA3221-Q1 Datasheet HTML 1Page - Texas Instruments INA3221-Q1 Datasheet HTML 2Page - Texas Instruments INA3221-Q1 Datasheet HTML 3Page - Texas Instruments INA3221-Q1 Datasheet HTML 4Page - Texas Instruments INA3221-Q1 Datasheet HTML 5Page - Texas Instruments INA3221-Q1 Datasheet HTML 6Page - Texas Instruments INA3221-Q1 Datasheet HTML 7Page - Texas Instruments INA3221-Q1 Datasheet HTML 8Page - Texas Instruments INA3221-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Power Supply
(0 V to 26 V)
Load 1
Load 2
Power Supply
(0 V to 26 V)
Load 3
Power Supply
(0 V to 26 V)
CBYPASS
0.1 µF
VS (Supply
Voltage)
CH 1
CH 2
VIN±1
VIN+1
VIN±2
VIN+2
CH 3
VIN±3
VIN+3
I
2C-
and
SMBus-
Compatible
Interface
SDA
SCL
A0
Critical
Warning
GND
ADC
Shunt
Voltages 1-3
Critical Limit
Alerts 1-3
Bus
Voltages 1-3
Power Valid (PV)
Timing Control (TC)
Shunt Voltage
Sum Alerts
VS
VPU
10 k
VPU
10 k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA3221-Q1
SBOS776B – MARCH 2016 – REVISED MARCH 2016
INA3221-Q1 Automotive, 26-V, Triple-Channel, Bidirectional, Zero-Drift, Low- or High-Side,
I2C-Compatible, Current and Voltage Monitor with Programmable Overcurrent Alerts
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C6
Senses Bus Voltages From 0 V to 26 V
Reports Shunt and Bus Voltage
High Accuracy:
Offset Voltage: ±80 µV (max)
Gain Error: 0.25% (max)
Configurable Averaging Options
Four Programmable Addresses
Programmable Alert and Warning Outputs
Power-Supply Operation: 2.7 V to 5.5 V
2 Applications
Infotainment
Rear-Seat Entertainment
Digital Clusters
Electronic Control Units
3 Description
The INA3221-Q1 is a three-channel, high-side current
and bus voltage monitor with an I2C- and SMBUS-
compatible interface. The INA3221-Q1 monitors both
shunt voltage drops and bus supply voltages, in
addition to having programmable conversion times
and
averaging
modes
for
these
signals.
The
INA3221-Q1 offers both critical and warning alerts to
detect multiple programmable out-of-range conditions
for each channel.
The INA3221-Q1 senses current on buses that can
vary from 0 V to 26 V. The device is powered from a
single 2.7-V to 5.5-V supply, and draws 350
μA (typ)
of supply current. The INA3221-Q1 is specified over
the operating temperature range of –40°C to +125°C.
The I2C- and SMBUS-compatible interface features
four programmable addresses.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA3221-Q1
VQFN (16)
4.00 mm x 4.00 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Typical Application


Similar Part No. - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Texas Instruments
INA301 TI1-INA301 Datasheet
153Kb / 7P
Current-Shunt Monitor Overcurrent Comparator
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
Precision Digital Power Monitor with Real Time Alerts
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
logo
Analog Devices
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com