Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221-Q1 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221-Q1
Description  Current and Voltage Monitor with Programmable Overcurrent Alerts
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221-Q1 Datasheet(HTML) 36 Page - Texas Instruments

Back Button INA3221-Q1 Datasheet HTML 32Page - Texas Instruments INA3221-Q1 Datasheet HTML 33Page - Texas Instruments INA3221-Q1 Datasheet HTML 34Page - Texas Instruments INA3221-Q1 Datasheet HTML 35Page - Texas Instruments INA3221-Q1 Datasheet HTML 36Page - Texas Instruments INA3221-Q1 Datasheet HTML 37Page - Texas Instruments INA3221-Q1 Datasheet HTML 38Page - Texas Instruments INA3221-Q1 Datasheet HTML 39Page - Texas Instruments INA3221-Q1 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Time (200 Ps/div)
CRITICAL ALERT
INPUT
LIMIT
Time (100 Ps/div)
CRITICAL ALERT
INPUT
LIMIT
36
INA3221-Q1
SBOS776B – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: INA3221-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
For this design example, use the input parameters shown in Table 25. All other register settings are default.
Table 25. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Supply voltage, VS
5 V
Pull-up resistors
10 k
Ω
Input range
–163.84 to +163.8
Enabled channel
CH1
Operating mode
Shunt voltage, continuous
Average setting
1
Critical alert limit
80 mV
Critical Alert Limit register setting
7D0h
9.2.2 Detailed Design Procedure
This design shows two shunt voltage conversion times in order to demonstrate the difference in the alert
response times. This design generates a critical-alert response when the input voltage exceeds 80 mV on
channel 1. See Table 25 for all design parameters.
For the first example the shunt voltage conversion time is set to 1.1 ms. When the input signal exceeds 80 mV,
the Critical alert pin pulls low after the conversion cycle completes, indicating an overcurrent condition, as shown
in Figure 53.
For the second example, the conversion time is set to 588 µs, and the response is shown in Figure 54.
9.2.3 Application Curves
Figure 53 shows the Critical alert pin response to a shunt voltage overlimit of 80 mV for a conversion time of 1.1
ms. Figure 54 shows the response for the same limit, but with the conversion time reduced to 588 µs.
Configuration register = 4125h,
conversion time = 588 µs
Figure 53. Critical Alert Response for 1.1-ms Conversion
Time
Configuration register = 40DDh,
conversion time = 588 µs
Figure 54. Critical Alert Response for 588-µs Conversion
Time


Similar Part No. - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Texas Instruments
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
logo
Analog Devices
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com