Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221-Q1 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221-Q1
Description  Current and Voltage Monitor with Programmable Overcurrent Alerts
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221-Q1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA3221-Q1 Datasheet HTML 28Page - Texas Instruments INA3221-Q1 Datasheet HTML 29Page - Texas Instruments INA3221-Q1 Datasheet HTML 30Page - Texas Instruments INA3221-Q1 Datasheet HTML 31Page - Texas Instruments INA3221-Q1 Datasheet HTML 32Page - Texas Instruments INA3221-Q1 Datasheet HTML 33Page - Texas Instruments INA3221-Q1 Datasheet HTML 34Page - Texas Instruments INA3221-Q1 Datasheet HTML 35Page - Texas Instruments INA3221-Q1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
32
INA3221-Q1
SBOS776B – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: INA3221-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.6.2.16 Mask/Enable Register (address = 0Fh) [reset = 0002h]
This register selects which function is enabled to control the Critical alert and Warning alert pins, and how each
warning alert responds to the corresponding channel. Read the Mask/Enable register to clear any flag results
present. Writing to this register does not clear the flag bit status. To make sure that there is no uncertainty in the
warning function setting that resulted in a flag bit being set, the Mask/Enable register should be read from to
clear the flag bit status before changing the warning function setting.
Figure 47. Mask/Enable Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SCC1
SCC2
SCC3
WEN
CEN
CF1
CF2
CF3
SF
WF1
WF2
WF3
PVF
TCF
CVRF
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-1
RW-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 20. Mask/Enable Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R/W
0h
Reserved
14-12
SCC1-3
R/W
0h
Summation channel control. These bits determine which shunt voltage measurement
channels are enabled to fill the Shunt-Voltage Sum register. The selection of these bits
does not impact the individual channel enable or disable status, or the corresponding
channel measurements. The corresponding bit is used to select if the channel is used
to fill the Shunt-Voltage Sum register.
0 = Disabled (default)
1 = Enabled
11
WEN
R/W
0h
Warning alert latch enable. These bits configure the latching feature of the Warning
alert pin.
0 = Transparent (default)
1 = Latch enabled
10
CEN
R/W
0h
Critical alert latch enable. These bits configure the latching feature of the Critical alert
pin.
0 = Transparent (default)
1 = Latch enabled
9-7
CF1-3
R/W
0h
Critical-alert flag indicator. These bits are asserted if the corresponding channel
measurement has exceeded the critical alert limit resulting in the Critical alert pin being
asserted. Read these bits to determine which channel caused the critical alert. The
critical alert flag bits are cleared when the Mask/Enable register is read back.
6
SF
R/W
0h
Summation-alert flag indicator. This bit is asserted if the Shunt Voltage Sum register
exceeds the Shunt Voltage Sum Limit register. If the summation alert flag is asserted,
the Critical alert pin is also asserted. The Summation Alert Flag bit is cleared when the
Mask/Enable register is read back.
5-3
WF1-3
R/W
0h
Warning-alert flag indicator. These bits are asserted if the corresponding channel
averaged measurement has exceeded the warning alert limit, resulting in the Warning
alert pin being asserted. Read these bits to determine which channel caused the
warning alert. The Warning Alert Flag bits clear when the Mask/Enable register is read
back.
2
PVF
R/W
0h
Power-valid-alert flag indicator. This bit can be used to be able to determine if the
power valid (PV) alert pin has been asserted through software rather than hardware.
The bit setting corresponds to the status of the PV pin. This bit does not clear until the
condition that caused the alert is removed, and the PV pin has cleared.
1
TCF
R/W
11h
Timing-control-alert flag indicator. Use this bit to determine if the timing control (TC)
alert pin has been asserted through software rather than hardware. The bit setting
corresponds to the status of the TC pin. This bit does not clear after it has been
asserted unless the power is recycled or a software reset is issued. The default state
for the timing control alert flag is high.
0
CVRF
R/W
0h
Conversion-ready flag. Although the INA3221-Q1 can be read at any time, and the data
from the last conversion are available, the conversion ready bit is provided to help
coordinate single-shot conversions. The conversion bit is set after all conversions are
complete. Conversion ready clears under the following conditions:
1.
Writing the Configuration register (except for power-down or disable-mode
selections).
2.
Reading the Mask/Enable register.


Similar Part No. - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Texas Instruments
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
logo
Analog Devices
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com