Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221-Q1
Description  Current and Voltage Monitor with Programmable Overcurrent Alerts
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA3221-Q1 Datasheet HTML 17Page - Texas Instruments INA3221-Q1 Datasheet HTML 18Page - Texas Instruments INA3221-Q1 Datasheet HTML 19Page - Texas Instruments INA3221-Q1 Datasheet HTML 20Page - Texas Instruments INA3221-Q1 Datasheet HTML 21Page - Texas Instruments INA3221-Q1 Datasheet HTML 22Page - Texas Instruments INA3221-Q1 Datasheet HTML 23Page - Texas Instruments INA3221-Q1 Datasheet HTML 24Page - Texas Instruments INA3221-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
1
9
1
0
0
0
0
0
A0
Frame 1: SMBus ALERT Response Address Byte
Frame 2: Slave Address Byte
(1)
Start By
Master
ACK By
Device
Stop By
Master
No ACK By
Master
From
Device
1
1
0
0
0
0
R/W
SCL
SDA
1
0
9
0
1
1
1
9
9
9
1
0
0
0
0
0
A0
R/W
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1: Two-Wire Slave Address Byte
(1)
Frame 2: Data MSByte
(2)
Frame 3: Data LSByte
(2)
Start By
Master
ACK By
Device
ACK By
Master
Stop By
Master
No ACK By
Master
(3)
SCL
SDA
From
Device
From
Device
21
INA3221-Q1
www.ti.com
SBOS776B – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: INA3221-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
The value of the slave address byte is determined by the A0 pin setting; see Table 1.
(2)
Read data are from the last register pointer location. If a new register is desired, the register pointer must be updated.
See Figure 27.
(3)
The master can also send an ACK.
Figure 29. Timing Diagram for Read Word Format
Figure 30 shows the timing diagram for the SMBus Alert response operation.
(1)
The value of the Slave Address Byte is determined by the A0 pin setting; see Table 1.
Figure 30. Timing Diagram for SMBus Alert
8.5.2.1 High-Speed I2C Mode
When the bus is idle, the SDA and SCL lines are pulled high by the pull-up resistors. The master generates a
start condition followed by a valid serial byte with the high-speed (Hs) master code 00001XXX. This transmission
is made in fast (400 kHz) or standard (100 kHz) (F/S) mode at no more than 400 kHz. The INA3221-Q1 does not
acknowledge the Hs master code, but does recognize it and switches its internal filters to support 2.44-MHz
operation.
The master then generates a repeated start condition (a repeated start condition has the same timing as the start
condition). After this repeated start condition, the protocol is the same as F/S mode, except that transmission
speeds up to 2.44 MHz are allowed. Instead of using a stop condition, the master uses a repeated start
conditions to secure the bus in Hs mode. A stop condition ends the Hs mode, and switches all internal INA3221-
Q1 filters to support F/S mode.
Figure 31 shows the bus timing, and Table 2 lists the bus timing definitions.


Similar Part No. - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Analog Devices
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
High Voltage I2C Current and Voltage Monitor
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Texas Instruments
INA301 TI1-INA301 Datasheet
153Kb / 7P
Current-Shunt Monitor Overcurrent Comparator
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
Precision Digital Power Monitor with Real Time Alerts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com