Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221-Q1 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221-Q1
Description  Current and Voltage Monitor with Programmable Overcurrent Alerts
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221-Q1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA3221-Q1 Datasheet HTML 16Page - Texas Instruments INA3221-Q1 Datasheet HTML 17Page - Texas Instruments INA3221-Q1 Datasheet HTML 18Page - Texas Instruments INA3221-Q1 Datasheet HTML 19Page - Texas Instruments INA3221-Q1 Datasheet HTML 20Page - Texas Instruments INA3221-Q1 Datasheet HTML 21Page - Texas Instruments INA3221-Q1 Datasheet HTML 22Page - Texas Instruments INA3221-Q1 Datasheet HTML 23Page - Texas Instruments INA3221-Q1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
1
1
1
9
9
9
1
0
0
0
0
0
A0
R/W
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1: Two-Wire Slave Address Byte
(1)
Frame 2: Data MSByte
Frame 3: Data LSByte
Start By
Master
ACK By
Device
ACK By
Device
Stop By
Master
ACK By
Device
SCL
SDA
1
1
9
9
1
0
0
0
0
0
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1: Two-Wire Slave Address Byte
(1)
Frame 2: Register Pointer Byte
Start By
Master
ACK By
Device
ACK By
Device
Stop By
Master
SCL
SDA
20
INA3221-Q1
SBOS776B – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: INA3221-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.2 Writing To and Reading From the INA3221-Q1
To access a specific INA3221-Q1 register, write the appropriate value to the register pointer. See Table 3 for a
complete list of registers and corresponding addresses. The value for the register pointer, as shown in Figure 27,
is the first byte transferred after the slave address byte with the R/W bit low. Every write operation to the
INA3221-Q1 requires a register pointer value.
(1)
The value of the Slave Address Byte is determined by the A0 pin setting; see Table 1.
Figure 27. Typical Register Pointer Set
Register writes begin with the first byte transmitted by the master. This byte is the slave address, with the R/W
bit low. The INA3221-Q1 then acknowledges receipt of a valid address. The next byte transmitted by the master
is the register address that data are written to. This register address value updates the register pointer to the
desired register. The next two bytes are written to the register addressed by the register pointer. The INA3221-
Q1 acknowledges receipt of each data byte. The master terminates data transfer by generating a start or stop
condition.
When reading from the INA3221-Q1, the last value stored in the register pointer by a write operation determines
which register is read during a read operation. To change the register pointer for a read operation, write a new
value to the register pointer. This write is accomplished by issuing a slave address byte with the R/W bit low,
followed by the register pointer byte. No additional data are required. The master then generates a start condition
and sends the slave address byte with the R/W bit high to initiate the read command. The next byte is
transmitted by the slave and is the most significant byte of the register indicated by the register pointer. This byte
is followed by an acknowledge from the master; then the slave transmits the least significant byte. The master
acknowledges receipt of the data byte. The master terminates data transfer by generating a not-acknowledge
after receiving any data byte, or generating a start or stop condition. If repeated reads from the same register are
desired, it is not necessary to continually send the register pointer bytes; the INA3221-Q1 retains the register
pointer value until it is changed by the next write operation.
Figure 28 and Figure 29 show the write and read operation timing diagrams, respectively. Note that register
bytes are sent most-significant byte first, followed by the least significant byte.
(1)
The value of the slave address byte is determined by the A0 pin setting; see Table 1.
Figure 28. Timing Diagram for Write Word Format


Similar Part No. - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Texas Instruments
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
logo
Analog Devices
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com