Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221-Q1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221-Q1
Description  Current and Voltage Monitor with Programmable Overcurrent Alerts
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221-Q1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA3221-Q1 Datasheet HTML 14Page - Texas Instruments INA3221-Q1 Datasheet HTML 15Page - Texas Instruments INA3221-Q1 Datasheet HTML 16Page - Texas Instruments INA3221-Q1 Datasheet HTML 17Page - Texas Instruments INA3221-Q1 Datasheet HTML 18Page - Texas Instruments INA3221-Q1 Datasheet HTML 19Page - Texas Instruments INA3221-Q1 Datasheet HTML 20Page - Texas Instruments INA3221-Q1 Datasheet HTML 21Page - Texas Instruments INA3221-Q1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Load 2
Power Supply
(0 V to 26 V)
Ch 1
Ch 2
VIN 2
VIN+2
Ch 3
ADC
RFILTER
10
CFILTER: 0.1- F to 1- F
Ceramic Capacitor
RFILTER
10
CFILTER
18
INA3221-Q1
SBOS776B – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: INA3221-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.3 Filtering and Input Considerations
Measuring current is often noisy, and such noise can be difficult to define. The INA3221-Q1 offers several
filtering options by allowing conversion times and the number of averages to be selected independently in the
Configuration register. The conversion times can be set independently for the shunt- and bus-voltage
measurements as well, for added flexibility in configuring power-supply bus monitoring.
The internal ADC is based on a delta-sigma (
ΔΣ) front-end with a 500-kHz (±30%) typical sampling rate. This
architecture has good inherent noise rejection; however, transients that occur at or very close to the sampling-
rate harmonics can cause problems. These transient signals are at 1 MHz and higher; therefore, the signals are
managed by incorporating filtering at the INA3221-Q1 input. High-frequency signals allow for the use of low-value
series resistors on the filter, with negligible effects on measurement accuracy. In general, filtering the INA3221-
Q1 input is only necessary if there are transients at exact harmonics of the 500-kHz (±30%) sampling rate that
are greater than 1 MHz. Filter using the lowest-possible series resistance (typically 10
Ω or less) and a ceramic
capacitor. Recommended capacitor values are 0.1
μF to 1.0 μF. Figure 26 shows the INA3221-Q1 with an
additional filter added at the input.
Figure 26. INA3221-Q1 With Input Filtering
The INA3221-Q1 inputs are specified to tolerate 26 V across the inputs. However, overload conditions are
another consideration for the INA3221-Q1 inputs. For example, a large differential-input scenario might be a
short to ground on the load side of the shunt. This type of event results in the full power-supply voltage applied
across the shunt, if supported by the power supply or energy-storage capacitors. Keep in mind that removing a
short to ground may result in inductive kickbacks that can exceed the 26-V differential and common-mode rating
of the INA3221-Q1. Inductive kickback voltages are best controlled by zener-type transient-absorbing devices
(commonly called transzorbs) combined with sufficient energy-storage capacitance.
In applications that do not have large energy-storage electrolytic capacitors on one or both sides of the shunt, an
input overstress condition can result from an excessive dV/dt of the voltage applied to the input. A hard physical
short is the most likely cause of this event, particularly in applications without large electrolytic capacitors
present. This problem occurs because an excessive dV/dt can activate the INA3221-Q1 ESD protection in
systems where large currents are available. Testing has demonstrated that the addition of 10-
Ω resistors in
series with each INA3221-Q1 input sufficiently protects the inputs against this dV/dt failure up to the 26-V device
rating. Selecting these resistors in the range noted has minimal effect on accuracy.


Similar Part No. - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Texas Instruments
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
logo
Analog Devices
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com