Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221-Q1
Description  Current and Voltage Monitor with Programmable Overcurrent Alerts
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA3221-Q1 Datasheet HTML 13Page - Texas Instruments INA3221-Q1 Datasheet HTML 14Page - Texas Instruments INA3221-Q1 Datasheet HTML 15Page - Texas Instruments INA3221-Q1 Datasheet HTML 16Page - Texas Instruments INA3221-Q1 Datasheet HTML 17Page - Texas Instruments INA3221-Q1 Datasheet HTML 18Page - Texas Instruments INA3221-Q1 Datasheet HTML 19Page - Texas Instruments INA3221-Q1 Datasheet HTML 20Page - Texas Instruments INA3221-Q1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
í120
í80
í40
0
40
80
120
0
Conversion Time: 140 µs
Conversion Time: 332 µs
Conversion Time: 1.1 ms
200
400
600
800
1000
Number of Conversions
17
INA3221-Q1
www.ti.com
SBOS776B – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: INA3221-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.2.2 Averaging and Conversion-Time Considerations
The INA3221-Q1 has programmable conversion times for both the shunt- and bus-voltage measurements. The
selectable conversion times for these measurements range from 140
μs to 8.244 ms. The conversion-time
settings, along with the programmable-averaging mode, enable the INA3221-Q1 to optimize available timing
requirements in a given application. For example, if a system requires data to be read every 2 ms with all three
channels monitored, configure the INA3221-Q1 with the conversion times for the shunt- and bus-voltage
measurements set to 332
μs.
The INA3221-Q1 can also be configured with a different conversion-time setting for the shunt- and bus-voltage
measurements. This approach is common in applications where the bus voltage tends to be relatively stable, and
allows for the time focused on the bus voltage measurement to be reduced relative to the shunt-voltage
measurement. For example, the shunt-voltage conversion time can be set to 4.156 ms with the bus-voltage
conversion time set to 588
μs for a 5-ms update time.
There are trade-offs associated with the conversion-time and averaging-mode settings. The averaging feature
significantly improves the measurement accuracy by effectively filtering the signal. This approach allows the
INA3221-Q1 to reduce the amount of noise in the measurement caused by noise coupling into the signal. A
greater number of averages allows the INA3221-Q1 to be more effective in reducing the measurement noise
component. The trade-off to this noise reduction is that the averaged value has a longer response time to input-
signal changes. This aspect of the averaging feature is mitigated to some extent with the critical-alert feature that
compares each single conversion to determine if a measured signal (with noise component) has exceeded the
maximum acceptable level.
The selected conversion times also have an impact on measurement accuracy. This effect can seen in
Figure 25. The multiple conversion times shown in Figure 25 illustrate the impact of noise on measurement.
These curves shown do not use averaging. In order to achieve the highest-accuracy measurement possible, use
a combination of the longest allowable conversion times and highest number of averages, based on system
timing requirements.
Figure 25. Noise Versus Conversion Time


Similar Part No. - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Texas Instruments
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
logo
Analog Devices
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com