Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V106L25 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # IDT77V106L25
Description  3.3V ATM PHY for 25.6 and 51.2 Mbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V106L25 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button IDT77V106L25 Datasheet HTML 12Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 13Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 14Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 15Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 16Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 17Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 18Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 19Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
16
IDT77V106L25
Jitter at 25.6Mbps at point 4 with respect to point 1
Jitter at 25.6Mbps at point 5 with respect to point 1
Jitter at 51.2Mbps at point 4 with respect to point 1
Jitter at 51.2Mbps at point 5 with respect to point 1
From the above measurements taken, the amount of jitter being added at each TX point is not significant. These tests were also run for extended periods
of time (64 hours) and no bit error were seen.
Line Side (Serial) Interface
PHY to Magnetics Interface
A standard connection to 100
Ω and120Ω unshieldedtwistedpaircablingisshowninFigure16.Notethatthetransmitsignalissomewhatattenuated
in order to meet the launch amplitude specified by the standards. The external receive circuitry is designed to attenuate low frequencies in order to
compensate for the high frequency attenuation of the cable.
Also, the receive circuitry biases the positive and negative RX inputs to slightly different voltages. This is done so that the receiver does not receive false
signals in the absence of a real signal. This can be important because the 77V106L25 does not disable error detection or interrupts when an input signal
is not present.
When connecting to UTP at 51.2 Mbps, it is necessary to use magnetics with sufficient bandwidth. Refer to Table 4 for the recommended magnetics.


Similar Part No. - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PF IDT-IDT77V107L25PF Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PFI IDT-IDT77V107L25PFI Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
More results

Similar Description - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
ATM 25.6 MBPS FILTER MODULE
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com