Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V106L25 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # IDT77V106L25
Description  3.3V ATM PHY for 25.6 and 51.2 Mbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V106L25 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button IDT77V106L25 Datasheet HTML 10Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 11Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 12Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 13Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 14Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 15Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 16Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 17Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14
IDT77V106L25
that these counters will be polled from time to time (user selectable) to evaluate performance.
Symbol Error Counters
— 8 bits
— counts all invalid 5-bit symbols received
Transmit Cell Counters
— 16 bits
— counts all transmitted cells
Receive Cell Counters
— 16 bits
— counts all received cells, excluding idle cells and HEC errored cells
Receive HEC Error Counters
— 5 bits
— counts all HEC errors received
The TxCell and RxCell counters are sized (16 bits) to provide a full cell count (without roll over) if the counter is read once/second. The Symbol
Error counter and HEC Error counter were given sufficient size to indicate exact counts for low error-rate conditions. If these counters overflow, a gross
condition is occurring, where additional counter resolution does not provide additional diagnostic benefit.
Reading Counters
1. Decide which counter value is desired. Write to the Counter Select Register to the bit location corresponding to the desired counter. This loads
the High and Low Byte Counter Registers with the selected counter’s value, and resets this counter to zero.
Note:Only one counter may be enabled at any time in each of the Counter Select Registers.
2. Read the Counter Registers (low byte and high byte) to get the value.
Further reads may be accomplished in the same manner by writing to the Counter Select Registers.
Note:The PHY takes some time to set up the low and high byte counters after a specific counter has been selected in the Counter Selector
register. This time delay (in µS) varies with the line rate and can be calculated as follows:
Time delay (µS) =
12.5___
line rate (Mbps)
Loop Timing Feature
The 77V106L25 also offers a loop timing feature for specific applications where data needs to be repeated / transmitted using the recovered clock. If
the loop timing mode is enabled in the Enhanced Control Register 1 bit 6, the recovered receive clock is used as to clock out data on transmit side. In
normal mode, the transmitter transmits data using the multiplied oscillator clock.
Jitter in Loop Timing Mode
One of the primary concerns when using loop timing mode is the amount of jitter that gets added each time data is transmitted. Table 2 shows the jitter
measured at various data rates. The set-up shown in Figure 15 was used to perform these tests. The maximum jitter seen was at TX point 5 and the
minimum jitter was at point 2. The loop timing jitter is defined as the amount of jitter generated by each TX node. In other words, the loop timing jitter or the
jitter added by a loop-timed port in the set-up below is the difference between the Total Output Jitter and the Total Input Jitter.


Similar Part No. - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PF IDT-IDT77V107L25PF Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PFI IDT-IDT77V107L25PFI Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
More results

Similar Description - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
ATM 25.6 MBPS FILTER MODULE
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com