Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V106L25 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT77V106L25
Description  3.3V ATM PHY for 25.6 and 51.2 Mbps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V106L25 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT77V106L25 Datasheet HTML 9Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 10Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 11Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 12Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 13Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 14Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 15Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 16Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
IDT77V106L25
Bit 1
Bit 2
Mode
0
0
Normal operating mode
1
0
PHY Loopback
1
1
Line Loopback
Normal Mode
Figure 12 shows normal operating conditions: data to be transmitted is transferred to the TC, where it is queued and formatted for transmission by the PMD.
Receive data from the PMD is decoded along with its clock for transfer to the receiving "upstream system".
PHY Loopback
As Figure 13 illustrates below, this loopback mode provides a connection within the PHY from the transmit PHY-ATM interface to the PHY-ATM receive
interface. Note that while this mode is operating, no data is forwarded to or received from the line interface.
Line Loopback
Figure 14 might also be called "remote loopback" since it provides for a means to test the overall system, including the line. Since this mode will probably
be entered under direction from another system (at a remote location), receive data is also decoded and transferred to the upstream system to allow it to listen
commands. A common example would be command asking the upstream system to direct the TC to leave this loopback state and resume normal operations.
TC sublayer
PMD sublayer
Line
Interface
ATM Layer
Device
77v1054 drw 33
Utopia
Interface
Figure 12. Normal Mode
ATM Layer
Device
TC sublayer
PMD sublayer
Line
Interface
77v1054 drw 34
Utopia
Interface
Figure 13. PHY Loopback
ATM Layer
Device
TC sublayer
PMD
sublayer
Line
Interface
77v1054 drw 35
Utopia
Interface
Figure 14. Line Loopback
Counters
Several condition counters are provided to assist external systems (e.g. software drivers) in evaluating communications conditions. It is anticipated


Similar Part No. - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PF IDT-IDT77V107L25PF Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PFI IDT-IDT77V107L25PFI Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
More results

Similar Description - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
ATM 25.6 MBPS FILTER MODULE
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com