Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V106L25 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT77V106L25
Description  3.3V ATM PHY for 25.6 and 51.2 Mbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V106L25 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT77V106L25 Datasheet HTML 7Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 8Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 9Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 10Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 11Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 12Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 13Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 14Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
IDT77V106L25
CONTROL AND STATUS INTERFACE
Utility Bus
The Utility Bus is a byte-wide interface that provides access to the registers within the IDT77V106. These registers are used to select desired operating
characteristics and functions, and to communicate status to external systems.
The Utility Bus is implemented using a multiplexed address and data bus (AD[7:0]) where the register address is latched via the Address Latch Enable
(ALE) signal.
The Utility Bus interface is comprised of the following pins:
AD[7:0], ALE,
CS, RD, WR
Read Operation
Refer to the Utility Bus timing waveforms. A register read is performed as follows:
1.
Initialcondition:
RD, WR, CS not asserted (logic 1)
— ALE not asserted (logic 0)
2.
Set up register address:
— place desired register address on AD[7:0]
— set ALE to logic 1;
— latch this address by setting ALE to logic 0.
3.
Read register data:
— Remove register address data from AD[7:0]
— assert
CS by setting to logic 0;
— assert
RD by setting to logic 0
— wait minimum pulse width time (see AC specifications)
Write Operation
A register write is performed as described below:
1.
Initialcondition:
RD, WR, CS not asserted (logic 1)
— ALE not asserted (logic 0)
2.
Set up register address:
— place desired register address on AD[7:0]
— set ALE to logic 1;
— latch this address by setting ALE to logic 0.
3.
Writedata:
— place data on AD[7:0]
— assert
CS by setting to logic 0;
— assert
WR (logic 0) for minimum time (according to timing specification); reset WR or CS to logic 1 to complete register write cycle.
Interrupt Operations
A variety of selectable interrupt and signalling conditions are provided. They are useful both during ‘normal’ operation, and as diagnostic aids. Refer to
the Status and Control Register List section.
Overall interrupt control is provided via bit 0 of the Master Control Register. When this bit is cleared (set to 0), interrupt signalling is prevented. The Interrupt
Mask Register allows individual masking of different interrupt sources. Additional interrupt signal control is provided by bit 5 of the Master Control Register.
When this bit is set (=1), receive cell errors will be flagged via interrupt signalling and all other interrupt conditions are masked. These errors include:
Bad receive HEC
Short (fewer than 53 bytes) cells
Received cell symbol error
Normal interrupt operations are performed by setting bit 0 and clearing bit 5 in the Master Control Register.
INT (pin 34) will go to a low state when an
interrupt condition is detected. The external system should then interrogate the 77V106L25 to determine which one (or more) conditions caused this flag, and
resettheinterruptforfurtheroccurrences.ThisisaccomplishedbyreadingtheInterruptStatusRegister.Decodingthebitsinthisbytewilltellwhicherrorcondition
caused the interrupt. Reading this register also:
clears the (sticky) interrupt status bits in the registers that are read


Similar Part No. - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PF IDT-IDT77V107L25PF Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PFI IDT-IDT77V107L25PFI Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
More results

Similar Description - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
ATM 25.6 MBPS FILTER MODULE
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com