Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V106L25 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT77V106L25
Description  3.3V ATM PHY for 25.6 and 51.2 Mbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V106L25 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT77V106L25 Datasheet HTML 3Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 4Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 5Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 6Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 7Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 8Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 9Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 10Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
IDT77V106L25
Thisencode/decodeimplementationhasseveralverydesirableproperties.
Among them is the fact that the output data bits can be represented by a set of
relatively simple symbols;
Run length is limited to <= 5;
Disparity never exceeds +/- 1.
On the receiver, the decoder determines from the received symbols
whether a timing marker command (X_8) or a start-of-cell command was sent
(X_X or X_4). If a start-of-cell command is detected, the next 53 bytes received
are decoded and forwarded to the descrambler. (See the TC Receive Block
Diagram).
The output of the 4b/5b encoder provides serial data to the NRZI encoder.
The NRZI code transitions the wire voltage each time a ‘1’ bit is sent. This,
togetherwiththepreviousencodingschemesguaranteesthatlongrunlengths
of either ‘0’ or ‘1’s are prevented. Each symbol is shifted out with its most
significantbitsentfirst.
When no cells are available to transmit, the 77V106L25 keeps the line
active by continuing to transmit valid symbols. But it does not transmit another
start-of-cellcommanduntilithasanothercellfortransmission.The77V106L25
never generates idle cells.
Transmit HEC Byte Calculation/Insertion
Byte #5 of each ATM cell, the HEC (Header Error Control) is calculated
automatically across the first 4 bytes of the cell header, depending upon the
setting of bit 5 of the LED Driver and HEC Status/Control Register (0x03). This
byte is then either inserted as a replacement of the fifth byte transferred to the
PHY by the external system, or the cell is transmitted as received. A third
operating mode provides for insertion of “Bad” HEC codes which may aid in
communication diagnostics. These modes are controlled by the LED Driver
and HEC Status/Control Registers.
Receiver Description
The receiver side of the TC sublayer operates like the transmitter, but in
reverse. The data is NRZI decoded before each symbol is reassembled. The
symbols are then sent to the 5b/4b decoder, followed by the Command Byte
Interpreter, De-Scrambler, and finally through a FIFO to the UTOPIA interface
to an ATM Layer device.
ATM Cell Format
NotethatalthoughtheIDT77V106L25candetectsymbolandHECerrors,
it does not attempt to correct them
Good Signal Bit: Upon resetting the device or reestablishing a serial link,
logic in front of the 4b/5b decoder uses feedback from the 4b/ 5b decoder to
determine if it is not properly “framed” on the 5-bit symbols being received. If
notproperlyframed,itwillshiftitsframing,onebitatatime,untilitachievesproper
symbol framing. Receipt of an Escape (X) symbol will also force proper symbol
framing.
The IDT77V106L25 monitors line conditions and can provide an interrupt
ifthelineisdeemed‘bad’.TheInterruptStatusRegistercontainsaGoodSignal
Bit (bit 6, set to 0 = Bad signal initially) which shows the status of the line per
the following algorithm:
To declare ‘Good Signal’ (from “Bad” to “Good”)
There is an up-down counter that counts from 7 to 0 and is initially set to
7. When the clock ticks for 1,024 cycles (32MHz clock, 1,024 cycles = 204.8
symbols) and no “bad symbol” has been received, the counter decreases by
one. However, if at least one “bad symbol” is detected during these 1,024
clocks, the counter is increased by one, to a maximum of 7. The Good Signal
Bit is set to 1 when this counter reaches 0. The Good Signal Bit could be set
to 1 as quickly as 1,433 symbols (204.8 x 7) if no bad symbols have been
received
.
To declare ‘Bad Signal’ (from “Good” to “Bad”)
The same up-down counter counts from 0 to 7 (being at 0 to provide a
“Good” status). When the clock ticks for 1,024 cycles (32MHz clock, 1,024
cycles = 204.8 symbols) and there is at least one “bad symbol”, the counter
increases by one. If it detects all “good symbols” and no “bad symbols” in the
next time period, the counter decreases by one. The “Bad Signal” is declared
when the counter reaches 7. The Good Signal Bit could be set to 0 as quickly
as 1,433 symbols (204.8 x 7) if at least one “bad symbol” is detected in each
of seven consecutive groups of 204.8 symbols.
8kHz Timing Marker
The8kHztimingmarker,describedearlier,isacompletelyoptionalfeature
which is essential for some applications requiring synchronization for voice or
video, and unnecessary for other applications. When unused,
TXREFshould
be tied high. Also note that it is not limited to 8kHz, should a different frequency
be desired. When looped, a received X_8 command byte causes one to be
generated on the transmit side.
A received X_8 command byte causes the 77V106L25 to issue a negative
pulse on
RXREF.
Bit 7
Bit 0
Header Byte 1
Header Byte 2
Header Byte 3
Header Byte 4
UDF
PayloadByte1
••
Payload Byte 48
3505 drw 52
UDF = User Defined Field (or HEC)
.


Similar Part No. - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PF IDT-IDT77V107L25PF Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PFI IDT-IDT77V107L25PFI Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
More results

Similar Description - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
ATM 25.6 MBPS INTERFACEMODULE
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
ATM 25.6 MBPS FILTER MODULE
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com