Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V106L25 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT77V106L25
Description  3.3V ATM PHY for 25.6 and 51.2 Mbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V106L25 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT77V106L25 Datasheet HTML 1Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 2Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 3Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 4Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 5Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 6Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 7Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 8Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
IDT77V106L25
Miscellaneous Signals
Signal Name
Pin Number
I/O
Signal Description
INT
34
Out
Interrupt
INT is an open-drain output, driven low to indicate an interrupt. Once low, INT remains low until
the interrupt status in the appropriate interrupt Status Register is read. Interrupt sources are programmable
via the interrupt Mast Registers.
OSC
52
In
TTL line rate clock source, driven by a 100 ppm oscillator. 32MHz for 25.63 Mbps; 65 MHz for 51.2 Mbps.
RST
35
In
Reset. Active low asynchronous input resets all control logic, counters and FIFOs. A reset must be performed
after power up prior to normal operation of the part.
RXLED
33
Out
Receive LED driver. Driven low for 223 cycles of OSC, beginning with RXSOC when a good (non-null and
non-errored) cell is received. Drives 8 mA both high and low.
RXREF
1
Out
Receive Reference. Active low.
RXREF pulses low for a programmable number of clock cycles when an
X_8 command byte is received.
SE
49
In
Reserved signal. This input must be connected to logic low.
SM
64
In
Reserved signal. This input must be connected to logic low.
TXLED
3
Out
Transmit LED driver. Goes low for 223 cycles of OSC, beginning with TXSOC when a cell is received for
transmission. 8 mA drive current both high and low.
TXREF
2
In
Transmit Reference. At the falling edge of
TXREF, an X_8 command byte is inserted into the transmit data
stream. Typical application is WAN timing.
TABLE 1 — SIGNAL DESCRIPTION (PART 2 OF 2)
Power Supply Signals
Signal Name
Pin Number
I/O
Signal Description
AGND
50, 53, 55
Analog ground. AGND is ground the analog portion of the ship, which sources a more constant current than
the digital portion.
AVDO
51, 54, 56
Analog power supply. AVDO supplies power to the analog portion of the chip, which draws a more constant
59
current than the digital portion. 3.3
±0.34V
GND
22, 44, 60
Digital Ground.
VDD
15, 28,63
Digital power supply. 3.3
± 0.3V


Similar Part No. - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PF IDT-IDT77V107L25PF Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PFI IDT-IDT77V107L25PFI Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
More results

Similar Description - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
ATM 25.6 MBPS INTERFACEMODULE
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
ATM 25.6 MBPS FILTER MODULE
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com