Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V106L25 Datasheet(PDF) 23 Page - Integrated Device Technology

Part # IDT77V106L25
Description  3.3V ATM PHY for 25.6 and 51.2 Mbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V106L25 Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button IDT77V106L25 Datasheet HTML 19Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 20Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 21Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 22Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 23Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 24Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 25Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 26Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 27Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23
IDT77V106L25
Symbol
Parameter
Min.
Typ
Unit
t31
TxCLK Frequency
0.2
50
MHz
t32
TxCLK Duty Cycle (% of t31)
40
60
%
t33
TxDATA[7:0], TxPARITY Setup Time to TxCLK
4
ns
t34
TxDATA[7:0], TxPARITY Hold Time to TxCLK
1.5
ns
t35
TxSCO,
TxEN Setup Time to TxCLK
4
ns
t36
TxSOC,
TxEN Hold Time to TxCLK
1.5
ns
t37
TxCLK to TxCLAV Invalid (min) and Valid (max)
2
10
ns
t39
RxCLK Frequency
0.2
550
MHz
t40
RxCLK Duty Cycle (% of t39)
40
60
ns
t41
RxEN Setup Time to TxCLK
4
ns
t42
RxEN Hold Time to RxCLK
1.5
ns
t43
RxCLK to RxCLAV Invalid (min) and Valid (max)
2
10
ns
t44
RxCLK to RxSOC High-Z
2
10
ns
t45
RxCLK to RxSOC Low-Z (min) and Valid (max)
2
10
ns
t46
RxCLK to RxDATA, RxPARITY High-Z
2
10
ns
t47
RxCLK to RxDATA, RxPARITY Low-Z (min) and Valid (max)
2
10
ns
UTOPIA Bus Timing Parameters
77v106 drw 39
TXEN
TXCLAV
TXDATA[7:0],
TXPARITY
TXSOC
TXCLK
t33
t37
t35
t34
t31
t32
t36
Octet 1
Octet 2
.
77v106 drw 40
RXEN
RXCLAV
RXDATA[7:0],
RXPARITY
RXSOC
RXCLK
t41
t39
t40
t43
t42
t45
t47
t46
t44
t47
t45
High-Z
High-Z
High-Z
High-Z
.
Figure 17. UTOPIA Transmit Timing Waveforms
Figure 18. UTOPIA Receive Timing Waveforms


Similar Part No. - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PF IDT-IDT77V107L25PF Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PFI IDT-IDT77V107L25PFI Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
More results

Similar Description - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
ATM 25.6 MBPS FILTER MODULE
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com