Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V106L25 Datasheet(PDF) 22 Page - Integrated Device Technology

Part # IDT77V106L25
Description  3.3V ATM PHY for 25.6 and 51.2 Mbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V106L25 Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button IDT77V106L25 Datasheet HTML 18Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 19Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 20Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 21Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 22Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 23Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 24Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 25Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
IDT77V106L25
Recommended Operating Temperature
and Supply Voltage
Grade
Ambient
GND, AGND
VDD, ADD
Temperature
Commercial
0
°C to +70°C
0V
3.3V
± 0.3V
Industrial
-40
°C to +85°C
0V
3.3V
± 0.3V
Capacitance (TA = +25
°C, F = 1MHz)
Symbol
Parameter
Conditions
Max.
Unit
CIN
InputCapacitance
VIN = 0V
10
pF
CIO
I/OCapacitance
VOUT = 0V
10
pF
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
Gnd
≤ VIN ≤ VDD
-5
5
µA
Ilo
I/O (as input) Leakage Current
Gnd
≤ VIN ≤ VDD
-10
10
µA
VOH11
Output Logic "1" Voltage
Ioh = -2mA, VDD = min
2.4
V
VOH22
Output Logic "1" Voltage
Ioh = -8mA, VDD = min
2.4
V
VOL1
Output Logic "0" Voltage
Iol = 8Ma, VDD = min
0.4
V
VDD14,5
Digital Power Supply Current (VDD pins)
OSC = 32 MHz, all outputs unloaded
45
mA
OSC = 64 MHz, all outputs unloaded
80
mA
VDD2
Analog Power Supply Current (AVDD pins)
OSC = 32 MHz, all outputs unloaded
40
mA
OSC = 64 MHz, all outputs unloaded
55
mA
DC Electrical Characteristics (All pins except TXD+/- and RXD+/-)
1. For AD[7:0] pins only
2. For all output pins except AD[7:0],
INT and TXD=/-
3. For all output pins except TSX=/-
4. Add 15mA when TXD+/-.
5. Total Supply current is the sum of IDD1 and IDD2
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VOH
Output Logic High Voltage
IOH = -20mA
VDD - 0.5V
V
VOL
Output Logic Low Voltage
IOL = 20mA
0.5
V
DC Electrical Characteristics (TXD+/- and Output Pins Only)
Symbol
Parameter
Min.
Typ
Max.
Unit
VIR
RXD+/- input voltage range
0
VDD
V
VIPP
RXD+/- input peak-to-peak differential voltage
0.6
2*VDD
V
VICM
RXD+/- input common mode voltage
1.0
VDD/2
VDD-0.5
V
DC Electrical Characteristics (RXD+/- and Output Pins Only)
Note: Differential signal amplitude is twice the amplitude of the individual signals that make up the differential signal.


Similar Part No. - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PF IDT-IDT77V107L25PF Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PFI IDT-IDT77V107L25PFI Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
More results

Similar Description - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
ATM 25.6 MBPS FILTER MODULE
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com