Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V106L25 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # IDT77V106L25
Description  3.3V ATM PHY for 25.6 and 51.2 Mbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V106L25 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button IDT77V106L25 Datasheet HTML 17Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 18Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 19Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 20Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 21Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 22Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 23Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 24Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
IDT77V106L25
Interrupt Mask Register
Address: 0x07
Bit
Type
Initial State
Function
7
0
Reserved
6
0
Reserved
5
R/W
0 = Interrupt enable
HEC Error Cell
4
R/W
0 = interrupt enable
Short Cell Error
3
R/W
0 = interrupt enable
Transmit Parity Error
2
R/W
0 = interrupt enable
Receive Signal Condition Change
1
R/W
0 = interrupt enable
Received Cell Symbol Error
0
R/W
0 = interrupt enable
Receive FIFO Overflow
Enhanced Control Register
Address: 0x08
Bit
Type
Initial State
Function
7
W
0 = not reset
Software Reset
1 = Reset. This bit is sell-clearing: it isn't necessary to write "0" to exit reset.
6
R/W
0 = OSC
Transmit Line Clock (or Loop Timing Mode)
When set to 0, the OSC input is used as the transmit like clock. When set to 1, the recovered receive clock is used as
the transmit line clock.
5-0
R/W
0
Reserved
Absolute Maximum Ratings
Symbol
Rating
Value
Unit
Note:
When set to "1", these bits mask the corresponding interrupt pin (
INT). When set to "0", the interrupts are unmasked. These interrupts correspond
to the interrupt status bits in the interrupt Status Registers.
VTERM
Terminal Voltage with Respect to GND
-0.5 to +5.5
V
TBIAS
Temperature Under Bias
-55 to + 125
°C
TSTG
Storage Temperature
-55 to +120
°C
IOUT
DC Output Current
50
mA
Note:
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating
only and functional of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum conditions for extended periods may affect reliability.
Recommended DC Operating Conditions
Symbol
Parameter
Min.
Typ.
Max
Unit
VDD
Digital Supply Voltage
3.0
3.3
3.63
V
GND
Digital Ground Voltage
0
0
0
V
VIH
Input High Voltage
2.0
5.25
V
VIL
Input Low Voltage
-0.3
0.8
V
AVDO
Analog Supply Voltage
3.0
3.3
3.6
V
AGND
Analog Ground Voltage
0
0
0
V
VDIF
VDD - AVDD
-0.5
0
0.5
V


Similar Part No. - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PF IDT-IDT77V107L25PF Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PFI IDT-IDT77V107L25PFI Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
More results

Similar Description - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
ATM 25.6 MBPS FILTER MODULE
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com