Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V106L25 Datasheet(PDF) 20 Page - Integrated Device Technology

Part # IDT77V106L25
Description  3.3V ATM PHY for 25.6 and 51.2 Mbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V106L25 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button IDT77V106L25 Datasheet HTML 16Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 17Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 18Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 19Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 20Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 21Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 22Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 23Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 24Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20
IDT77V106L25
LED Driver and HEC Status/Control Register
Address: 0x03
Bit
Type
Initial State
Function
7R
0
Reserved
6
R/W
0 = enable
Disable Receive HEC Checking (HEC Enable)
Checking
When not set, the HEC is calculated on first 4 bytes of received cell, and compared against the 5th byte. When set
(= 1), the HEC byte is not checked.
5
R/W
0 = enable
Disable Transmit HEC Calculate & Replace
calculate & When set, the 5th header byte of cells queued for transmit is not replaced with the HEC calculated across
the first four replace bytes of that cell.
4, 3
R/W
00 = 1 cycle
RxREF Pulse Width Select
Bit #4
3
0
0
RxREF active for 1 cycle of the recovered clock
0
1
RxREF active for 2 cycle of the recovered clock
1
0
RxREF active for 4 cycle of the recovered clock
1
1
RxREF active for 8 cycle of the recovered clock
2
R
1 = empty
Transmit FIFO Status 1 = TxFIFO empty
0 = TxFIFO not empty
1R
1
TxLED Status 0 = Cell Transmitted 1 = Cell Not Transmitted
0R
1
RxLED Status 0 = Cell Received
1 = Cell Not Received
Low Byte Counter Register [7:0]
Address: 0x04
Bit
Type
Initial State
Function
[7:0]
R
0x00
Provides low-byte of counter value selected via the Counter Select Register.
High Byte Counter Register [15:8]
Address: 0x05
Bit
Type
Initial State
Function
[7:0]
R
0x00
Provides high-byte of counter value selected via the Counter Select Register.
Counter Select Register
Address: 0x06
Bit
Type
Initial State
Function
7
0
Reserved
6
0
Reserved
5
0
Reserved
4
0
Reserved
3W
0
Symbol Error Counter
2W
0
Tx Cell Counter
1W
0
Rx Cell Counter Does not count HEC errored cells. even when bit 6 of the Master Control Register is Cleared.
0W
0
Receive Hec Error Counter
Note:
For proper operation, only one bit may be set in the Counter Selected Register at any time.


Similar Part No. - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PF IDT-IDT77V107L25PF Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PFI IDT-IDT77V107L25PFI Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
More results

Similar Description - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
ATM 25.6 MBPS FILTER MODULE
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com