Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V106L25 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # IDT77V106L25
Description  3.3V ATM PHY for 25.6 and 51.2 Mbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V106L25 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button IDT77V106L25 Datasheet HTML 14Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 15Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 16Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 17Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 18Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 19Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 20Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 21Page - Integrated Device Technology IDT77V106L25 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
18
IDT77V106L25
Status and Control Register List
Master Control Register
Address: 0x00
Interrupt Status Register
Address: 0x01
70
Reserved
6
R
0 = Bad Signal
Good Signal Bit. See definitions earlier in this data sheet
1 - Good Signal
1 - Bad Signal
5
sticky
0
HEC error cell received. Set when a HEC errors detected on received cell.
4
sticky
0
"Short Cel" Received
Interrupt signal which flags received cells with fewer than 53 bytes. This condition is detected when receiving
Start-of-Cell command bytes with fewer than 53 bytes between them"
3
sticky
0
Transmit Parity Error
If Bit 4 of the Master Control Register (Transmit Data Parity Check) is set, this interrupt flags a transmit data parity
error condition. Odd parity is used.
2
sticky
0
Receive Signal Condition Change. This interrupt is set when the received "signal" changes either from "bad to good"
from "good to bad".
1
sticky
0
Received Symbol Error. Set when an undefined 5-bit symbol is received.
0
sticky
0
Receive FIFO Overflow. Interrupt which indicates when the receive FIFO has filled and cannot accept additional data.
Bit
Type
Initial State
Function
Bit
Type
Initial State
Function
7
R/W
0 = OSC
Clock Multiplier. Controls whether or not the OSC reference clock inputs is multiplied by two to generate the line
clock. Multiplied by one
Cleared (0) = OSC is multiplied by 1 to generate line clock
Set (1) = OSC is multiplied by 2 to generate line clock
6
R/W
1 = discard
Discard Receive Error Cells
errored cells On receipt of any cell with an error (e.g. short cell, invalid command mnemonic, receive HEC error (if
enabled), this cell will be discarded and will not enter the receive FIFO.
5
R/W
0 = all interrupts Enable Cell Error Interrupts Only
If Bit 0 in this register is set (Interrupts Enabled), setting of this bit enables only "Received Cell Error" (as defined in
bit 6) to trigger interrupt line".
4
R/W
0 = disabled
Transmit Data Parity Cells
Directs TC to check parity of TxDATA against parity bit located in TXPARITY.
3
R/W
1 = discard
Discard Received Idle Cells
idle cells
Directs TC to discard received idle (VPI/VCI = 0 and GFC = 0) cells from PMD without signaling external systems.
2
R/W
0 = not halted
Halt Tx
Halts transmission of data from TC to PMD and forces the TxD output to the "0" state.
1
R/W
0 = cell mode
UTOPIA Mode Select
0 = cell mode, 1 = byte mode.
0
R/W
1 = enable
Enable Interrupt Pin (Interrupt Mask Bit)
interrupts
Enables the
INT output pin. If cleared, pin is always high and interrupt is masked. If set, an interrupt will be signaled
by setting the interrupt pin to "0". It doesn't affect the Interrupt Status Registers".
Nomenclature
"Reserved" register bits, if written, should always be written "0"
R/W = register may be read and written via the utility bus
R-only or W-only = register is read-only or write only
sticky = register bit is cleared after the register containing it is read; all sticky bits are read-only
"0" = "cleared" or "not set"
"1" = "set"


Similar Part No. - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PF IDT-IDT77V107L25PF Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77V107L25PFI IDT-IDT77V107L25PFI Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
More results

Similar Description - IDT77V106L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
ATM 25.6 MBPS FILTER MODULE
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
ATM 25.6 MBPS INTERFACEMODULE
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com