Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV271 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV271
Description  550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV271 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV271 Datasheet HTML 6Page - Texas Instruments TLV271 Datasheet HTML 7Page - Texas Instruments TLV271 Datasheet HTML 8Page - Texas Instruments TLV271 Datasheet HTML 9Page - Texas Instruments TLV271 Datasheet HTML 10Page - Texas Instruments TLV271 Datasheet HTML 11Page - Texas Instruments TLV271 Datasheet HTML 12Page - Texas Instruments TLV271 Datasheet HTML 13Page - Texas Instruments TLV271 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
10
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
AV = 1
VIC = VDD / 2
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = −40°C
Figure 11
0
20
40
60
80
100
120
10
100
1 k
10 k
100 k
1 M
VDD = 5 V, 10 V
TA = 25°C
VDD = 2.7 V
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
Figure 12
−40
−20
0
20
40
60
80
100
120
10
100
1 k
10 k
100 k 1 M
10 M
−180
−135
−90
−45
0
45
90
135
180
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
f − Frequency − Hz
VDD=5 V
RL=2 kΩ
CL=10 pF
TA=25°C
Phase
Gain
Figure 13
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
−40 −25 −10 5
20 35 50 65 80 95 110 125
GAIN BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VDD = 10 V
VDD = 2.7 V
VDD = 5 V
Figure 14
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.5
4.5
6.5
8.5
10.5
12.5
14.5
SLEW RATE
vs
SUPPLY VOLTAGE
VCC − Supply Voltage −V
AV = 1
RL = 10 kΩ
CL = 50 pF
TA = 25°C
SR−
SR+
Figure 15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
−40 −25 −10 5
20 35 50 65 80 95 110 125
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
SR+
SR−
VDD = 5 V
AV = 1
RL = 10 kΩ
CL = 50 pF
VI = 3 V
Figure 16
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
PHASE MARGIN
vs
CAPACITIVE LOAD
CL − Capacitive Load − pF
VDD = 5 V
RL= 2 kΩ
TA = 25°C
AV = Open Loop
Rnull = 100
Rnull = 0
Rnull = 50


Similar Part No. - TLV271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV271 TI-TLV271 Datasheet
518Kb / 22P
FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TLV271 ONSEMI-TLV271 Datasheet
972Kb / 12P
Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
September, 2013 ??Rev. 4
logo
Texas Instruments
TLV271 TI1-TLV271 Datasheet
1Mb / 36P
OPERATIONAL AMPLIFIERS
TLV271 TI1-TLV271 Datasheet
1Mb / 28P
OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TLV271 ONSEMI-TLV271 Datasheet
1Mb / 26P
Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
July, 2020 - Rev. 7
More results

Similar Description - TLV271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP186 AD-OP186 Datasheet
189Kb / 12P
5 uA, Rail-to-Rail Output Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com