Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQPF10N60C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQPF10N60C
Description  600V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF10N60C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQPF10N60C Datasheet HTML 1Page - Fairchild Semiconductor FQPF10N60C Datasheet HTML 2Page - Fairchild Semiconductor FQPF10N60C Datasheet HTML 3Page - Fairchild Semiconductor FQPF10N60C Datasheet HTML 4Page - Fairchild Semiconductor FQPF10N60C Datasheet HTML 5Page - Fairchild Semiconductor FQPF10N60C Datasheet HTML 6Page - Fairchild Semiconductor FQPF10N60C Datasheet HTML 7Page - Fairchild Semiconductor FQPF10N60C Datasheet HTML 8Page - Fairchild Semiconductor FQPF10N60C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. B, October 2003
QFETTM
FQP10N60C/FQPF10N60C
600V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switched mode power supplies,
active power factor correction, electronic lamp ballasts
based on half bridge topology.
Features
• 9.5A, 600V, RDS(on) = 0.73Ω @VGS = 10 V
• Low gate charge ( typical 44 nC)
• Low Crss ( typical 18 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
* Drain current limited by maximum junction temperature.
Thermal Characteristics
Symbol
Parameter
FQP10N60C
FQPF10N60C
Units
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
9.5
9.5 *
A
- Continuous (TC = 100°C)
3.3
3.3 *
A
IDM
Drain Current
- Pulsed
(Note 1)
38
38 *
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
700
mJ
IAR
Avalanche Current
(Note 1)
9.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
15.6
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
156
50
W
- Derate above 25°C
1.25
0.4
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP10N60C
FQPF10N60C
Units
RθJC
Thermal Resistance, Junction-to-Case
0.8
2.5
°C/W
RθCS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W
TO-220
FQP Series
G
S
D
TO-220F
FQPF Series
G
S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G


Similar Part No. - FQPF10N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF10N60C FAIRCHILD-FQPF10N60C Datasheet
1,020Kb / 10P
600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQPF10N60C KERSEMI-FQPF10N60C Datasheet
1Mb / 9P
600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF10N60C FAIRCHILD-FQPF10N60C Datasheet
1Mb / 10P
600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF10N60C ISC-FQPF10N60C Datasheet
278Kb / 2P
isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF10N60CF FAIRCHILD-FQPF10N60CF Datasheet
940Kb / 10P
600V N-Channel MOSFET
More results

Similar Description - FQPF10N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com