Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3701-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV3701-Q1
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3701-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TLV3701-Q1_15 Datasheet HTML 1Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 2Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 3Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 4Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 5Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 6Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 7Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 8Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TLV3701-Q1
TLV3702-Q1
TLV3704-Q1
SGLS154E − NOVEMBER 2000 − REVISED MAY 2010
5
www.ti.com
electrical characteristics at specified operating free-air temperature, VCC = 2.7 V, 5 V, 15 V (unless
otherwise noted) (continued)
power supply
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
I
Supply current (per channel)
Output state high
25
°C
560
800
nA
ICC
Supply current (per channel)
Output state high
Full range
1200
nA
V
27Vto5V
25
°C
75
100
PSRR
Power supply rejection ratio
VIC = VCC/2 V,
VCC = 2.7 V to 5 V
Full range
70
dB
PSRR
Power supply rejection ratio
VIC = VCC/2 V,
No load
VCC =5Vto15V
25
°C
85
105
dB
VCC = 5 V to 15 V
Full range
80
Full range is − 40
°C to 125°C for Q suffix.
switching characteristics at recommended operating conditions, VCC = 2.7 V, 5 V, 15 V, TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pti
ti
l
t hi h l
l
Overdrive = 2 mV
240
t(PLH)
Propagation response time, low-to-high-level
output (see Note 3)
f = 1 kHz,
Overdrive = 10 mV
64
150
t(PLH)
output (see Note 3)
f
1 kHz,
VSTEP = 100 mV,
C
10 pF
Overdrive = 50 mV
36
s
Pti
ti
hi h t l
l
l
CL = 10 pF,
VCC = 2.7 V,
Overdrive = 2 mV
167
µs
t(PHL)
Propagation response time, high-to-low-level
output (see Note 3)
VCC = 2.7 V,
VIC = VCC/2
Overdrive = 10 mV
67
150
t(PHL)
output (see Note 3)
VIC
VCC/2
Overdrive = 50 mV
37
tr
Rise time
CL = 10 pF,
VCC = 2.7 V
7
µs
tf
Fall time
CL = 10 pF,
VCC = 2.7 V
9
µs
NOTE 3: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. Propagation
responses are longer at higher supply voltages, refer to Figures 11−16 for further details.
This limit applies to the TLV3701-Q1 only.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Input bias/offset current
vs Free-air temperature
1
VOL
Low-level output voltage
vs Low-level output current
2, 4, 6
VOH
High-level output voltage
vs High-level output current
3, 5, 7
I
Supply current
vs Supply voltage
8
ICC
Supply current
vs Free-air temperature
9
Output fall time/rise time
vs Supply voltage
10
Low-to-high level output response for various input overdrives
11, 13, 15
High-to-low level output response for various input overdrives
12, 14, 16


Similar Part No. - TLV3701-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results

Similar Description - TLV3701-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701-Q1 TI-TLV3701-Q1 Datasheet
326Kb / 12P
FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com