Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3701-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV3701-Q1
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3701-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TLV3701-Q1_15 Datasheet HTML 1Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 2Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 3Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 4Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 5Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 6Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 7Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 8Page - Texas Instruments TLV3701-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TLV3701-Q1
TLV3702-Q1
TLV3704-Q1
SGLS154E − NOVEMBER 2000 − REVISED MAY 2010
2
www.ti.com
DESCRIPTION (continued)
The TLV370x has a minimum operating supply voltage of 2.7 V over the extended automotive temperature range
(TA = −40°C to 125°C), while having an input common-mode range of −0.1 to VCC + 5 V. The low supply current makes
it an ideal choice for low power applications where quiescent current is the primary concern. Reverse battery
protection guards the amplifier from an over-current condition due to improper battery installation. For harsh
environments, the inputs can be taken 5 V above the positive supply rail without damage to the device.
Devices are available in SOIC with the singles in the small SOT-23 package. Other package options may be made
available upon request.
A SELECTION OF OUTPUT COMPARATORS
DEVICE
VCC
(V)
VIO
(
µV)
ICC/Ch
(
µA)
IIB
(pA)
tPLH
(
µs)
tPHL
(
µs)
tf
(
µs)
tr
(
µs)
RAIL-TO-
RAIL
OUTPUT
STAGE
TLV370x
2.5 − 16
250
0.56
80
56
83
22
8
I
PP
TLV340x
2.5 − 16
250
0.47
80
55
30
5
I
OD
TLC3702/4
3 − 16
1200
9
5
1.1
0.65
0.5
0.125
PP
TLC393/339
3 − 16
1400
11
5
1.1
0.55
0.22
OD
TLC372/4
3 − 16
1000
75
5
0.65
0.65
OD
All specifications are typical values measured at 5 V.
TLV3701 AVAILABLE OPTIONS
V max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
SOT-23
(DBV)
SYMBOL
-40
°C to 125°C
5000
µV
TLV3701QDRQ1§
TLV3701QDBVRQ1
VBCQ
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see
the TI web site at http://www.ti.com.
Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
§ Product Preview
This package is only available taped and reeled with standard quantities of 3000 pieces per reel.
TLV3702 AVAILABLE OPTIONS
V max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
SYMBOL
−40
°C to 125°C
5000
µV
TLV3702QDRQ1
3702Q1
TLV3704 AVAILABLE OPTIONS
V max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
−40
°C to 125°C
5000
µV
TLV3704QDRQ1
Product Preview


Similar Part No. - TLV3701-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results

Similar Description - TLV3701-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701-Q1 TI-TLV3701-Q1 Datasheet
326Kb / 12P
[Old version datasheet]   FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com