Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTL5C1 Datasheet(PDF) 11 Page - PerkinElmer Optoelectronics

Part # VTL5C1
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTL5C1 Datasheet(HTML) 11 Page - PerkinElmer Optoelectronics

Back Button VTL5C1 Datasheet HTML 7Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 8Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 9Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 10Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 11Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 12Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 13Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 14Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 15Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
6
Selecting a Photocell
Slope Characteristics
Plots of the resistance for the photocells listed in this catalog versus
light intensity result in a series of curves with characteristically different
slopes. This is an important characteristic of photocells because in
many applications not only is the absolute value of resistance at a
given light level of concern but also the value of the resistance as the
light source is varied. One way to specify this relationship is by the use
of parameter (gamma) which is defined as a straight line passing
through two specific points on the resistance curve. The two points
used by PerkinElmer to define
γ are 10 lux (0.93 fc) and 100 lux (9.3
fc).
Applications for photocells are of one of two categories: digital or
analog. For the digital or ON-OFF types of applications such as flame
detectors, cells with steep slopes to their resistance versus light
intensity curves are appropriate. For analog or measurement types of
applications such as exposure controls for cameras, cells with shallow
slopes might be better suited.
Resistance Tolerance
The sensitivity of a photocell is defined as its resistance at a specific
level of illumination. Since no two photocells are exactly alike,
sensitivity is stated as a typical resistance value plus an allowable
tolerance. Both the value of resistance and its tolerance are specified
for only one light level. For moderate excursions from this specified
light level the tolerance level remain more or less constant. However,
when the light level the tolerance level remain more or less constant.
However, when the light level is decades larger or smaller than the
reference level the tolerance can differ considerably.
As the light level decreases, the spread in the tolerance level
increases. For increasing light levels the resistance tolerance will
tighten.
Likewise, for dual element photocells the matching factor, which is
defined as the ratio of the resistance of between elements, will
increase with decreasing light level.
Dark Resistance
As the name implies, the dark resistance is the resistance of the cell
under zero illumination lighting conditions. In some applications this
can be very important since the dark resistance defines what
maximum “leakage current” can be expected when a given voltage is
applied across the cell. Too high a leakage current could lead to false
triggering in some applications.
The dark resistance is often defined as the minimum resistance that
can be expected 5 seconds after the cell has been removed from a
light intensity of 2 fc. Typical values for dark resistance tend to be in the
500k ohm to 20M ohm range.
Temperature Coefficient of Resistance.
Each type of photoconductive material has its own resistance versus
temperature characteristic. Additionally, the temperature coefficients of
photoconductors are also dependent on the light level the cells are
operating at.
From the curves of the various types of materials it is apparent that the
temperature coefficient is an inverse funstin of light level. Thus, in order
to minimize temperature problems it is desirable to have the cell
operating at the highest light level possible.
Speed of Response
Speed of response is a measure of the speed at which a photocell
responds to a change from light-to-dark or from dark-to-light. The rise
time is defined as the time necessary for the light conductance of the
photocell to reach 1-1/e (or about 63%) of its final value.
γ
Log Ra
Log Rb
Log a
Lob b
-------------------------------------
=
Log Ra Rb
()
Log b a
()
------------------------------
=
Dual Element Photocell Typical Matching Ratios
0.01 fc
0.1 fc
1.0 fc
10 fc
100 fc
0.63 – 1.39
0.74 – 1.27
0.75 – 1.25
0.76 – 1.20
0.77 – 1.23


Similar Part No. - VTL5C1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTL5341H3 CPI-VTL5341H3 Datasheet
353Kb / 1P
   Long life L-Band ring loop TWT
More results

Similar Description - VTL5C1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NORP-12 ETC1-NORP-12 Datasheet
226Kb / 2P
   NORP CdsS PHOTOCONDUCTIVE CELLS
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com