Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTL5C1 Datasheet(PDF) 44 Page - PerkinElmer Optoelectronics

Part # VTL5C1
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTL5C1 Datasheet(HTML) 44 Page - PerkinElmer Optoelectronics

Back Button VTL5C1 Datasheet HTML 40Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 41Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 42Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 43Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 44Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 45Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 46Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 47Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 48Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
39
Characteristics of Analog Optical Isolators
Capacitance
The equivalent circuit for the output photocell is a resistor in parallel
with the capacitance. The capacitance arises from the topside
metallization of the electrodes which form a coplanar capacitor. The
value of this capacitance is largely determined by the size of the
ceramic base. For lower capacitance, a smaller cell is needed. The
capacitance is so small (3.0 pF, typical on catalog AOIs) that it is
negligible in most applications. However, there are applications such
as wideband or high frequency amplifiers in which the capacitance
needs to be considered. At 4.5 MHz, the video baseband frequency,
the photocell capacitive reactance is only 12 kilohms. If the phase shift
of the signal is to be kept below 10°, the highest useful cell resistance
is only 2.0 kilohms. At high AOI input drive, where the cell is drive
below 1.0 kilohm, the capacitance can increase additionally from 2 to
10 times, possibly due to distributed effects.
Summary
Analog Optical Isolators have many unique features, such as:
1.
High input-to-output isolation.
2.
True resistance element output.
3.
Wide dynamic range (low “on” resistance/high “off” resistance).
4.
Low drive current.
5.
Low distortion.
These features are primarily dependent on which input element and
output element photoconductive material is used in the Vactrol AOI.
Thus, there is a wide variety of Vactrols to choose from for your
application.


Similar Part No. - VTL5C1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTL5341H3 CPI-VTL5341H3 Datasheet
353Kb / 1P
   Long life L-Band ring loop TWT
More results

Similar Description - VTL5C1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NORP-12 ETC1-NORP-12 Datasheet
226Kb / 2P
   NORP CdsS PHOTOCONDUCTIVE CELLS
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com