Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTL5C1 Datasheet(PDF) 27 Page - PerkinElmer Optoelectronics

Part # VTL5C1
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTL5C1 Datasheet(HTML) 27 Page - PerkinElmer Optoelectronics

Back Button VTL5C1 Datasheet HTML 23Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 24Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 25Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 26Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 27Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 28Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 29Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 30Page - PerkinElmer Optoelectronics VTL5C1 Datasheet HTML 31Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
22
Application Notes—Photoconductive Cells
APPLICATION NOTE #1
Light - Some Physical Basics
Light is produced by the release of energy from the atoms of a material
when they are excited by heat, chemical reaction or other means. Light
travels through space in the form of an electromagnetic wave.
A consequence of this wave-like nature is that each “color” can be
completely defined by specifying its unique wavelength. The
wavelength is defined as the distance a wave travels in one cycle.
Since the wavelengths of light are very short they are normally
measured in nanometers, one nanometer being equal to 1 x 10-9
meters.
The spectral response of PerkinElmer’s photoconductors are specified
by lots of relative response versus wavelength (color) for various
material types.
Natural Illuminance
Room Illumination
Ultraviolet
(To X-rays and Gamma Rays)
Infrared
(To Radar Waves)
Visible Light
400
700
Violet
Red
Wavelength
Violet
Below 450 nm
Blue
450 - 500 nm
Green
500 - 570 nm
Yellow
570 - 590 nm
Orange
590 - 610 nm
Red
610 - 700 nm
Sky Condition
Light Level (Typical)
Direct Sunlight
10000 fc
Overcast Day
1000 fc
Twilight
1 fc
Full Moon
0.1 fc
Clear Night Sky (moonless)
0.001 fc
Lighting Condition
Light Level (Typical)
Candle - Lit Room
5 fc
Auditorium
10 fc
Classroom
30 fc
Inspection Station
250 fc
Hospital Operating Room
500 - 1000 fc


Similar Part No. - VTL5C1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTL5341H3 CPI-VTL5341H3 Datasheet
353Kb / 1P
   Long life L-Band ring loop TWT
More results

Similar Description - VTL5C1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NORP-12 ETC1-NORP-12 Datasheet
226Kb / 2P
   NORP CdsS PHOTOCONDUCTIVE CELLS
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com