Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2810Z Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC2810Z
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2810Z Datasheet(HTML) 1 Page - Texas Instruments

  TLC2810Z Datasheet HTML 1Page - Texas Instruments TLC2810Z Datasheet HTML 2Page - Texas Instruments TLC2810Z Datasheet HTML 3Page - Texas Instruments TLC2810Z Datasheet HTML 4Page - Texas Instruments TLC2810Z Datasheet HTML 5Page - Texas Instruments TLC2810Z Datasheet HTML 6Page - Texas Instruments TLC2810Z Datasheet HTML 7Page - Texas Instruments TLC2810Z Datasheet HTML 8Page - Texas Instruments TLC2810Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TLC2810Z, TLC2810Y
LinCMOS
™ PRECISION
DUAL OPERATIONAL AMPLIFIERS
SLOS120A – AUGUST 1993 – REVISED AUGUST 1994
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Trimmed Input Offset Voltage:
10 mV Max at 25
°C, VDD = 5 V
D Input Offset Voltage Drift Typically
0.1
µV/Month, Including the First 30 Days
D Wide Range of Supply Voltages Over
Specified Temperature Range:
–40
°C to 150°C...4 V to 16 V
D Single-Supply Operation
D Common-Mode Input Voltage Range
Extends to the Negative Rail
D Low Noise...25 nV/√Hz Typ at f = 1 kHz
D Output Voltage Range Includes Negative
Rail
D High Input Impedance...1012 Ω Typ
D ESD-Protection Circuitry
D Small-Outline Package Option Also
Available in Tape and Reel
D Designed-In Latch-Up Immunity
description
The
TLC2810Z
dual
operational
amplifiers
combine low offset voltage drift with high input
impedance, low noise, and speeds approaching
that of general-purpose JFET devices. In addition,
the
use
of
Texas
Instruments
silicon-gate
LinCMOS technology assures offset stability that
greatly exceeds the stability available with
conventional metal-gate processes.
The high input impedance, low bias current, and high slew rate make the TLC2810Z ideal for applications that
have previously been reserved for JFET and NFET products. These advantages, in combination with an upper
operating temperature of 150
°C, make the TLC2810Z an ideal choice for precision, extremely high-temperature
applications.
In general, many features associated with bipolar technology are available on the TLC2810Z without the power
penalties of bipolar technology. General applications such as transducer interfacing, analog calculations,
amplifier blocks, active filters, and signal buffering are designed easily with the TLC2810Z.
The TLC2810Z package options include a small-outline version for high-density system applications.
The device inputs and outputs are designed to withstand – 100-mA surge currents without sustaining latch-up
at 25
°C. The TLC2810Z incorporates internal ESD-protection circuits that prevent functional failures at voltages
up to 2000 V as tested under MIL-STD 883C, Method 3015.2. However, care should be exercised in handling
the TLC2810Z as exposure to ESD may result in the degradation of the device parametric performance.
Additional care should be exercised to prevent VDD supply line transients under power conditions. Transients
of greater than 20 V can trigger the ESD-protection structure, inducing a low-impedance path to GND. Should
this condition occur, the sustained current supplied to the device must be limited to 100 mA or less. Failure to
do so can result in a latched condition and device failure.
The TLC2810Z is characterized for operation over the extended temperature range from – 40
°C to 150°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
SMALL OUTLINE
(D)†
PLASTIC DIP
(P)
FORM
(Y)
–40
°C to 150°C
TLC2810ZD
TLC2810ZP
TLC2810Y
† The D packages are available taped and reeled. Add R suffix to the device type when
ordering (e.g., TLC2810ZDR).
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
GND
VDD
2OUT
2IN –
2IN +
D OR P PACKAGE
(TOP VIEW)
LinCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLC2810Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2810 TI1-TLC2810 Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2810Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L2 TI-TLC27L2 Datasheet
538Kb / 33P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810 TI1-TLC2810 Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2 Datasheet
509Kb / 34P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI1-TLC27L2_16 Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI1-TLC27L4_14 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC252 TI-TLC252 Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC1078 TI-TLC1078 Datasheet
530Kb / 33P
[Old version datasheet]   LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com