Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2810Z Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC2810Z
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2810Z Datasheet(HTML) 4 Page - Texas Instruments

  TLC2810Z Datasheet HTML 1Page - Texas Instruments TLC2810Z Datasheet HTML 2Page - Texas Instruments TLC2810Z Datasheet HTML 3Page - Texas Instruments TLC2810Z Datasheet HTML 4Page - Texas Instruments TLC2810Z Datasheet HTML 5Page - Texas Instruments TLC2810Z Datasheet HTML 6Page - Texas Instruments TLC2810Z Datasheet HTML 7Page - Texas Instruments TLC2810Z Datasheet HTML 8Page - Texas Instruments TLC2810Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TLC2810Z, TLC2810Y
LinCMOS
™ PRECISION
DUAL OPERATIONAL AMPLIFIERS
SLOS120A – AUGUST 1993 – REVISED AUGUST 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VDD (see Note 1)
16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (any input)
– 0.3 V to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, II
±2 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO (each output)
±30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total current into VDD
45 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total current out of GND
45 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) TA = 25°C (see Note 3)
unlimited
. . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 165°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to network ground.
2. Differential voltages are at IN+ with respect to IN –.
3. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum
dissipation rating is not exceeded (see application selection).
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 105°C
POWER RATING
TA = 125°C
POWER RATING
TA = 150°C
POWER RATING
D
812 mV
5.8 mW/
°C
551 mW
348 mW
232 mW
87 mW
P
1120 mV
8.0 mW/
°C
760 mW
480 mW
320 mW
120 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
4
16
V
Common-mode input voltage, VIC
VDD = 5 V,
TA = 25°C
– 0.2
3.5
V
Input voltage, VI
VDD = 5 V
– 0.2
3.5
V
Operating free-air temperature, TA
–40
150
°C


Similar Part No. - TLC2810Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2810 TI1-TLC2810 Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2810Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L2 TI-TLC27L2 Datasheet
538Kb / 33P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810 TI1-TLC2810 Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2 Datasheet
509Kb / 34P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI1-TLC27L2_16 Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI1-TLC27L4_14 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC252 TI-TLC252 Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC1078 TI-TLC1078 Datasheet
530Kb / 33P
[Old version datasheet]   LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com