Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMX1 Datasheet(PDF) 3 Page - Rohm

Part # EMX1
Description  General purpose transistors (dual transistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMX1 Datasheet(HTML) 3 Page - Rohm

  EMX1 Datasheet HTML 1Page - Rohm EMX1 Datasheet HTML 2Page - Rohm EMX1 Datasheet HTML 3Page - Rohm EMX1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMX1 / UMX1N / IMX1
Transistors
3/3
0.2
20
10
0.5
1
2
5
10 20
50 100 200
50
100
200
500
VCE=5V
3V
1V
Ta=25˚C
COLLECTOR CURRENT : IC
(mA)
Fig.4 DC current gain vs. collector
current ( I )
0.2
0.5
1
2
5
10 20
50 100 200
20
10
50
100
200
500
25˚C
−55˚C
Ta=100˚C
VCE=
5V
COLLECTOR CURRENT : IC
(mA)
Fig.5 DC current gain vs. collector
current ( II )
0.2
0.5
1
2
5
10
20
50 100 200
0.01
0.02
0.05
0.1
0.2
0.5
IC/IB=50
20
10
Ta=25˚C
COLLECTOR CURRENT : IC
(mA)
Fig.6 Collector-emitter saturation
voltage vs. collector current
0.2
COLLECTOR CURRENT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=50
20
10
Ta=25˚C
Fig.7 Collector-emitter saturation
voltage vs. collector current ( I )
0.2
COLLECTOR CURRENT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=10
Ta=100˚C
25˚C
−55˚C
Fig.8 Collector-emitter saturation
voltage vs. collector current ( II )
COLLECTOR CURRENT : IC
(mA)
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100
IC/IB=50
Ta=100˚C
25˚C
−55˚C
Fig.9 Collector-emitter saturation
voltage vs. collector current ( III )
50
−0.5 −1
−2
−5
−10 −20
−50 −100
100
200
500
Ta=25˚C
VCE
=6V
EMITTER CURRENT : IE
(mA)
Fig.10 Gain bandwidth product vs.
emitter current
0.2
0.5
1
2
5
10
20
50
1
2
5
10
20
Cib
Cob
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Fig.11 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
Ta=25˚C
f
=1MHz
IE
=0A
IC
=0A
−0.2
−0.5
−1
−2
−5
−10
10
20
50
100
200
EMITTER CURRENT : IE
(mA)
Fig.12 Base-collector time constant vs.
emitter current
Ta=25
˚C
f=32MHZ
VCB=6V


Similar Part No. - EMX1

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
   General Purpose Transistors
logo
Rohm
EMX1 ROHM-EMX1 Datasheet
93Kb / 4P
   General purpose transistors (dual transistors)
logo
Jiangsu Changjiang Elec...
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
logo
Rohm
EMX1 ROHM-EMX1 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
EMX18 ROHM-EMX18 Datasheet
38Kb / 3P
   General purpose transistors (dual transistors)
More results

Similar Description - EMX1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com