Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC0831C Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC0831C
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC0831C Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC0831C_16 Datasheet HTML 4Page - Texas Instruments TLC0831C_16 Datasheet HTML 5Page - Texas Instruments TLC0831C_16 Datasheet HTML 6Page - Texas Instruments TLC0831C_16 Datasheet HTML 7Page - Texas Instruments TLC0831C_16 Datasheet HTML 8Page - Texas Instruments TLC0831C_16 Datasheet HTML 9Page - Texas Instruments TLC0831C_16 Datasheet HTML 10Page - Texas Instruments TLC0831C_16 Datasheet HTML 11Page - Texas Instruments TLC0831C_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TLC0831C, TLC0831I
TLC0832C, TLC0832I
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS107B – JANUARY 1995 – REVISED APRIL 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50%
tpd
50%
GND
VOL
VOH
VCC
CLK
DO
50%
tsu
th
th
tsu
50%
VCC
GND
GND
GND
0.4 V
0.4 V
2 V
2 V
DI
0.4 V
CS
CLK
VCC
VCC
Figure 1. TLC0832 Data-Input Timing
Figure 2. Data-Output Timing
VOLTAGE WAVEFORMS
S2 closed
S1 open
10%
10%
90%
tr
VOLTAGE WAVEFORMS
S2 closed
S1 open
DO
Output
tr
S1
S2
LOAD CIRCUIT
(see Note A)
CL
From Output
Under Test
Test
Point
CS
CS
tdis
90%
10%
90%
50%
50%
VCC
GND
GND
GND
GND
VCC
–VCC
VCC
VCC
RL
DO
Output
tdis
NOTE A: CL includes probe and jig capacitance.
Figure 3. Output Disable Time Test Circuit and Voltage Waveforms


Similar Part No. - TLC0831C_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLC0831C_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC548C TI-TLC548C Datasheet
167Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI1-TLC548C_14 Datasheet
905Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI-TLC0834C Datasheet
226Kb / 15P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI1-TLC548C_16 Datasheet
897Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com