Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC0831C Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC0831C
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC0831C Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC0831C_16 Datasheet HTML 2Page - Texas Instruments TLC0831C_16 Datasheet HTML 3Page - Texas Instruments TLC0831C_16 Datasheet HTML 4Page - Texas Instruments TLC0831C_16 Datasheet HTML 5Page - Texas Instruments TLC0831C_16 Datasheet HTML 6Page - Texas Instruments TLC0831C_16 Datasheet HTML 7Page - Texas Instruments TLC0831C_16 Datasheet HTML 8Page - Texas Instruments TLC0831C_16 Datasheet HTML 9Page - Texas Instruments TLC0831C_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TLC0831C, TLC0831I
TLC0832C, TLC0832I
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS107B – JANUARY 1995 – REVISED APRIL 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended range of operating free-air temperature, VCC = 5 V,
fclock = 250 kHz (unless otherwise noted)
digital section
PARAMETER
TEST CONDITIONS†
C SUFFIX
I SUFFIX
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VOH
High level output voltage
VCC = 4.75 V,
IOH = – 360 µA
2.8
2.4
V
VOH
High-level output voltage
VCC = 4.75 V,
IOH = – 10 µA
4.6
4.5
V
VOL
Low-level output voltage
VCC = 4.75 V,
IOL = 1.6 mA
0.34
0.4
V
IIH
High-level input current
VIH = 5 V
0.005
1
0.005
1
µA
IIL
Low-level input current
VIL = 0
– 0.005
–1
– 0.005
–1
µA
IOH
High-level output
(source) current
VOH = VO,TA = 25°C
– 6.5
–24
– 6.5
–24
mA
IOL
Low-level output (sink) current
VOL = VCC,
TA = 25°C
8
26
8
26
mA
IOZ
High-impedance-state output
VO = 5 V,
TA = 25°C
0.01
3
0.01
3
µA
IOZ
g
current (DO)
VO = 0,
TA = 25°C
– 0.01
–3
– 0.01
–3
µA
Ci
Input capacitance
5
5
pF
Co
Output capacitance
5
5
pF
† All parameters are measured under open-loop conditions with zero common-mode input voltage.
‡ All typical values are at VCC = 5 V, TA = 25°C.
analog and converter section
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIC
Common-mode input voltage
See Note 3
– 0.05
to
VCC+ 0.05
V
On channel
VI = 5 V
1
II( tdb )
Standby input current (see Note 4)
Off channel
VI = 0
–1
µA
II(stdby)
Standby input current (see Note 4)
On channel
VI = 0
–1
µA
Off channel
VI = 5 V
1
ri(REF)
Input resistance to REF
1.3
2.4
5.9
k
† All parameters are measured under open-loop conditions with zero common-mode input voltage.
‡ All typical values are at VCC = 5 V, TA = 25°C.
NOTES:
3. When channel IN– is more positive than channel IN+, the digital output code is 0000 0000. Connected to each analog input are two
on-chip diodes that conduct forward current for analog input voltages one diode drop above VCC. Care must be taken during testing
at low VCC levels (4.5 V) because high-level analog input voltage (5 V) can, especially at high temperatures, cause the input diode
to conduct and cause errors for analog inputs that are near full scale. As long as the analog voltage does not exceed the supply
voltage by more than 50 mV, the output code is correct. To achieve an absolute 0- to 5-V input range requires a minimum VCC of
4.95 V for all variations of temperature and load.
4. Standby input currents go in or out of the on or off channels when the A/D converter is not performing conversion and the clock is
in a high or low steady-state conditions.
total device
PARAMETER
MIN
TYP‡
MAX
UNIT
ICC
Supply current
TLC0831
0.6
1.25
mA
ICC
Supply current
TLC0832
2.5
4.7
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - TLC0831C_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLC0831C_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI-TLC0834C Datasheet
226Kb / 15P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI1-TLC548C_14 Datasheet
905Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI1-TLC548C_16 Datasheet
897Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com