Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR2905 Datasheet(PDF) 10 Page - International Rectifier

Part # IRLR2905
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR2905 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLR2905 Datasheet HTML 2Page - International Rectifier IRLR2905 Datasheet HTML 3Page - International Rectifier IRLR2905 Datasheet HTML 4Page - International Rectifier IRLR2905 Datasheet HTML 5Page - International Rectifier IRLR2905 Datasheet HTML 6Page - International Rectifier IRLR2905 Datasheet HTML 7Page - International Rectifier IRLR2905 Datasheet HTML 8Page - International Rectifier IRLR2905 Datasheet HTML 9Page - International Rectifier IRLR2905 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLR/U2905
10
www.irf.com
Tape & Reel Information
TO-252AA
Dimensions are shown in millimeters (inches)
TR
1 6.3 ( .641 )
1 5.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12 .1 ( .4 76 )
11 .9 ( .4 69 )
F E E D DIRE CT IO N
F E E D DIR E CT IO N
16 .3 ( .641 )
15 .7 ( .619 )
TR R
TR L
N O T ES :
1. CO NT RO LL IN G DIM E N S IO N : M ILLIM E T E R.
2. A LL DIM E N S IO NS A R E S H O W N IN M ILL IM E T E R S ( INCHE S ).
3. O U T L IN E C O N F O R M S T O E IA -4 81 & E IA -54 1.
NO T E S :
1. O U T LIN E C O N F O R M S T O E IA -481 .
16 m m
13 IN C H
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 12/00


Similar Part No. - IRLR2905

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRLR2905 KERSEMI-IRLR2905 Datasheet
909Kb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRLR2905 ISC-IRLR2905 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
logo
EVER SEMICONDUCTOR CO.,...
IRLR2905 EVVOSEMI-IRLR2905 Datasheet
1Mb / 6P
   60V N-Channel Enhancement Mode Power MOSFET
Rev:2023A2
logo
International Rectifier
IRLR2905PBF IRF-IRLR2905PBF Datasheet
310Kb / 10P
   HEXFET Power MOSFET
IRLR2905PBF IRF-IRLR2905PBF Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results

Similar Description - IRLR2905

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com