Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2003CN Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS2003CN
Description  High Current/Voltage Darlington Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS2003CN Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS2003CN Datasheet HTML 1Page - National Semiconductor (TI) DS2003CN Datasheet HTML 2Page - National Semiconductor (TI) DS2003CN Datasheet HTML 3Page - National Semiconductor (TI) DS2003CN Datasheet HTML 4Page - National Semiconductor (TI) DS2003CN Datasheet HTML 5Page - National Semiconductor (TI) DS2003CN Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Temperature Range
DS2003TN, DS2003TM
−40˚C to +105˚C
DS2003CN, DS2003CM
0˚C to +85˚C
Lead Temperature
Soldering, 10 seconds
265˚C
Maximum Power Dissipation* at T
A =
25˚C
N16E Package
1330 mW
M16A Package
770 mW
Input Voltage
30V
Output Voltage
55V
Emitter-Base Voltage
6.0V
Continuous Collector Current
500 mA
Continuous Base Current
25 mA
Note: *Derate N16E package 13.3 mW/˚C for TA above 25˚C. Derate M16A
package 7.7 mW/˚C for TA above 25˚C.
Electrical Characteristics
T
A = 25˚C, unless otherwise specified (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
CEX
Output Leakage
Current
T
A = 25˚C, VCE = 50V (Figure 1 )
20
T
A = 85˚C, VCE = 50V (Figure 1 ) for DS2003CN, DS2003CM
100
µA
T
A = 105˚C, VCE = 50V (Figure 1 ) for DS2003TN, DS2003TM
150
V
CE(Sat)
Collector-Emitter
Saturation Voltage
I
C = 350 mA, IB = 500 µA (Figure 3 ) (Note 3)
1.25
1.6
V
I
C = 200 mA, IB = 350 µA (Figure 3 )
1.1
1.3
I
C = 100 mA, IB = 250 µA (Figure 3 )
0.9
1.1
I
I(ON)
Input Current
V
I = 3.85V (Figure 4 )
0.93
1.35
mA
I
I(OFF)
Input Current
(Note 4)
T
A = 85˚C for DS2003CN, DS2003CM
I
C = 500 µA (Figure 5 )
50
100
µA
V
I(ON)
Input Voltage
(Note 5)
V
CE = 2.0V, IC = 200 mA (Figure 6 )
2.4
V
V
CE = 2.0V, IC = 250 mA (Figure 6 )
2.7
V
CE = 2.0V, IC = 300 mA (Figure 6 )
3.0
C
I
Input Capacitance
15
30
pF
t
PLH
Turn-On Delay
0.5 V
I to 0.5 VO
1.0
µs
t
PHL
Turn-Off Delay
0.5 V
I to 0.5 VO
1.0
µs
I
R
Clamp Diode
Leakage Current
V
R = 50V (Figure 7 )TA = 25˚C
50
µA
T
A = 85˚C
100
µA
V
F
Clamp Diode
Forward Voltage
I
F = 350 mA (Figure 8 )
1.7
2.0
V
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 2: All limits apply to the complete Darlington series except as specified for a single device type.
Note 3: Under normal operating conditions these units will sustain 350 mA per output with VCE (Sat) = 1.6V at 70˚C with a pulse width of 20 ms and a duty cycle of
30%.
Note 4: The II(OFF) current limit guaranteed against partial turn-on of the output.
Note 5: The VI(ON) voltage limit guarantees a minimum output sink current per the specified test conditions.
www.national.com
2


Similar Part No. - DS2003CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS2003CN NSC-DS2003CN Datasheet
160Kb / 8P
   High Current/Voltage Darlington Drivers
DS2003CN NSC-DS2003CN Datasheet
317Kb / 5P
   HIGH CURRENT / VOLTAGE DARLINGTON DRIVERS
More results

Similar Description - DS2003CN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
UA9665 FAIRCHILD-UA9665 Datasheet
261Kb / 6P
   High Current/VOLTAGE Darlington Drivers
logo
National Semiconductor ...
DS2004 NSC-DS2004 Datasheet
160Kb / 8P
   High Current/Voltage Darlington Drivers
DS2001 NSC-DS2001 Datasheet
317Kb / 5P
   HIGH CURRENT / VOLTAGE DARLINGTON DRIVERS
logo
Texas Instruments
DS2003CMX TI-DS2003CMX Datasheet
802Kb / 13P
[Old version datasheet]   DS2003 High Current/Voltage Darlington Drivers
UDN2841 TI-UDN2841 Datasheet
266Kb / 4P
[Old version datasheet]   QUADRUPLE HIGH-CURRENT DARLINGTON DRIVERS
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Sanyo Semicon Device
LB1730 SANYO-LB1730 Datasheet
60Kb / 2P
   High-Voltage, High-Current Darlington Driver
logo
Allegro MicroSystems
2003 ALLEGRO-2003 Datasheet
176Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com