Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4351 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # 2N4351
Description  N-CHANNEL MOSFET ENHANCEMENT MODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

2N4351 Datasheet(HTML) 1 Page - Linear Integrated Systems

  2N4351 Datasheet HTML 1Page - Linear Integrated Systems 2N4351 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
DIRECT REPLACEMENT FOR INTERSIL 2N4351
HIGH DRAIN CURRENT
ID = 100mA
HIGH GAIN
gfs = 1000µS
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-65 to +200 °C
Operating Junction Temperature
-55 to +150 °C
Maximum Power Dissipation
Continuous Power Dissipation
375mW
Maximum Current
Drain to Source
100mA
Maximum Voltages
Drain to Body
25V
Drain to Source
25V
Peak Gate to Source
2
±125V
ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated) (VSB = 0V unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX UNITS
CONDITIONS
BVDSS
Drain to Source Breakdown Voltage
25
ID = 10µA, VGS = 0V
VDS(on)
Drain to Source "On" Voltage
1
ID = 2mA, VGS = 10V
VGS(th)
Gate to Source Threshold Voltage
1
5
V
VDS = 10V, ID = 10µA
IGSS
Gate Leakage Current
10
pA
VGS = ±30V, VDS = 0V
IDSS
Drain Leakage Current "Off"
10
nA
VDS = 10V, VGS = 0V
ID(on)
Drain Current "On"
3
mA
VGS = 10V, VDS = 10V
gfs
Forward Transconductance
1000
µS
VDS = 10V, ID = 2mA, f = 1MHz
rDS(on)
Drain to Source "On" Resistance
300
VGS = 10V, ID = 0A, f = 1kHz
Crss
Reverse Transfer Capacitance
1.3
VDS = 0V, VGS = 0V, f = 140kHz
Ciss
Input Capacitance
5.0
VDS = 10V, VGS = 0V, f = 140kHz
Cdb
Drain to Body Capacitance
5.0
pF
VDB = 10V, f = 140kHz
* Body tied to Case.
G
S
D
C
2
14
3
BOTTOM VIEW
TO-72
Linear Integrated Systems
2N4351
N-CHANNEL MOSFET
ENHANCEMENT MODE
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Similar Part No. - 2N4351

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4351 CALOGIC-2N4351 Datasheet
18Kb / 1P
   N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
logo
Intersil Corporation
2N4351 INTERSIL-2N4351 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N4351 NJSEMI-2N4351 Datasheet
142Kb / 1P
   N-CHANNEL ENHANCEMENT
logo
Micross Components
2N4351 MICROSS-2N4351 Datasheet
315Kb / 1P
   an enhancement mode N-Channel Mosfet
logo
Calogic, LLC
2N4351 CALOGIC-2N4351 Datasheet
18Kb / 1P
   N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
More results

Similar Description - 2N4351

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com