Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH2D11HP Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH2D11HP
Description  SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D11HP Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH2D11HP_14 Datasheet HTML 1Page - Sumida Corporation CDRH2D11HP_14 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH2D11/HP
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H:3.2×3.2×1.2 mm Max.
• Product weight: 37mg(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 7.0”diameter reel
• 1500pcs per reel
Applications
• Ideally used in Mobilephone,PDA,MP3,
DSC/DVC, Portable DVD, etc as DC-DC
converter.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
1.7
1.3
1.
3
4.3
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
φ
2.1
1.2 Max.
Electrode
3.0±0.2
3.
0.
2
1.1
1.0
±
0.1
4.
3M
ax
.
3.
0.
2
1
2
0.52
0.37
0.52
559(447)
10.0
±30%
K
CDRH2D11/HPNP-100NC
0.65
0.45
0.63
371(297)
6.8
±30%
I
CDRH2D11/HPNP-6R8NC
0.85
0.52
0.75
238(190)
4.7
±30%
G
CDRH2D11/HPNP-4R7NC
0.90
0.65
0.90
173(138)
3.3
±30%
E
CDRH2D11/HPNP-3R3NC
1.30
0.72
1.10
120(96)
2.2
±30%
C
CDRH2D11/HPNP-2R2NC
1.60
1.0
1.35
80(64)
1.5
±30%
A
CDRH2D11/HPNP-1R5NC
at 100
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
(A)
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDRH2D11HP_14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH2D11HPNP-100NB SUMIDA-CDRH2D11HPNP-100NB Datasheet
207Kb / 2P
   Power Inductors
CDRH2D11HPNP-100NC SUMIDA-CDRH2D11HPNP-100NC Datasheet
207Kb / 2P
   Power Inductors
CDRH2D11HPNP-1R5NB SUMIDA-CDRH2D11HPNP-1R5NB Datasheet
207Kb / 2P
   Power Inductors
CDRH2D11HPNP-1R5NC SUMIDA-CDRH2D11HPNP-1R5NC Datasheet
207Kb / 2P
   Power Inductors
CDRH2D11HPNP-2R2NB SUMIDA-CDRH2D11HPNP-2R2NB Datasheet
207Kb / 2P
   Power Inductors
More results

Similar Description - CDRH2D11HP_14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com