Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH4D16FB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH4D16FB
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D16FB Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH4D16FB_14 Datasheet HTML 1Page - Sumida Corporation CDRH4D16FB_14 Datasheet HTML 2Page - Sumida Corporation CDRH4D16FB_14 Datasheet HTML 3Page - Sumida Corporation CDRH4D16FB_14 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH4D16FB
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.75
0.40
0.52
288.0(240.0)
22
±20%
L
CDRH4D16FB/NP-220MC
1.0
0.50
0.65
178.8(149.0)
15
±20%
K
CDRH4D16FB/NP-150MC
1.2
0.60
0.80
118.0(98.0)
10
±20%
J
CDRH4D16FB/NP-100MC
1.3
0.65
0.90
107.0(89.1)
8.5
±25%
H
CDRH4D16FB/NP-8R5NC
1.5
0.75
1.00
81.25(65.0)
6.8
±25%
G
CDRH4D16FB/NP-6R8NC
2.0
0.90
1.20
58.5(46.8)
4.7
±25%
F
CDRH4D16FB/NP-4R7NC
2.1
1.00
1.35
56.7(43.6)
3.9
±25%
E
CDRH4D16FB/NP-3R9NC
2.4
1.10
1.50
39.6(31.7)
3.0
±25%
D
CDRH4D16FB/NP-3R0NC
2.6
1.20
1.70
37.9(30.3)
2.4
±25%
C
CDRH4D16FB/NP-2R4NC
2.7
1.30
1.90
34.5(27.6)
1.8
±25%
B
CDRH4D16FB/NP-1R8NC
2.8
1.50
2.30
29.3(22.5)
1.3
±25%
A
CDRH4D16FB/NP-1R3NC
(at 100
℃)
(at 20
℃)
Temperature
Rise Current
(A)
※3
Saturation Current
( A )
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[within]
※1
Stamp
Part Name


Similar Part No. - CDRH4D16FB_14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D16FB/NP-100M SUMIDA-CDRH4D16FB/NP-100M Datasheet
157Kb / 3P
POWER INDUCTORS
CDRH4D16FB/NP-150M SUMIDA-CDRH4D16FB/NP-150M Datasheet
157Kb / 3P
POWER INDUCTORS
CDRH4D16FB/NP-1R3N SUMIDA-CDRH4D16FB/NP-1R3N Datasheet
157Kb / 3P
POWER INDUCTORS
CDRH4D16FB/NP-1R8N SUMIDA-CDRH4D16FB/NP-1R8N Datasheet
157Kb / 3P
POWER INDUCTORS
CDRH4D16FB/NP-220M SUMIDA-CDRH4D16FB/NP-220M Datasheet
157Kb / 3P
POWER INDUCTORS
More results

Similar Description - CDRH4D16FB_14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com