Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH4D18 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH4D18
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D18 Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH4D18_14 Datasheet HTML 1Page - Sumida Corporation CDRH4D18_14 Datasheet HTML 2Page - Sumida Corporation CDRH4D18_14 Datasheet HTML 3Page - Sumida Corporation CDRH4D18_14 Datasheet HTML 4Page - Sumida Corporation CDRH4D18_14 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH4D18
Electrical Characteristics
※1. Inductance measuring condition: 1.0μH ~ 8.2μH at
7.96 MHz
10
μH ~ 180μH at
100
kHz
※2. Rated current: The DC current at which the inductance decreases to 65% of its nominal value or when △t=40℃,
whichever is lower (Ta=20
℃).
0.14
4.00 (3.05)
180
±30%
181
CDRH4D18NP-181NC
0.15
2.67 (2.05)
150
±30%
151
CDRH4D18NP-151NC
0.18
2.39 (1.84)
120
±30%
121
CDRH4D18NP-121NC
0.20
1.73 (1.33)
100
±30%
101
CDRH4D18NP-101NC
0.22
1.56 (1.20)
82
±30%
820
CDRH4D18NP-820NC
0.24
1.30 (1.00)
68
±30%
680
CDRH4D18NP-680NC
0.26
1.08 (800m)
56
±30%
560
CDRH4D18NP-560NC
0.28
922m (683m)
47
±30%
470
CDRH4D18NP-470NC
0.30
709m (525m)
39
±30%
390
CDRH4D18NP-390NC
0.32
694m (514m)
33
±30%
330
CDRH4D18NP-330NC
0.35
441m (327m)
27
±30%
270
CDRH4D18NP-270NC
0.41
397m (294m)
22
±30%
220
CDRH4D18NP-220NC
0.48
338m (250m)
18
±30%
180
CDRH4D18NP-180NC
0.50
240m (178m)
15
±30%
150
CDRH4D18NP-150NC
0.56
210m (156m)
12
±30%
120
CDRH4D18NP-120NC
0.61
200m (148m)
10
±30%
100
CDRH4D18NP-100NC
0.68
245m (190m)
8.2
±30%
8R2
CDRH4D18NP-8R2NC
0.76
200m(155m)
6.8
±30%
6R8
CDRH4D18NP-6R8NC
0.80
170m(130m)
5.6
±30%
5R6
CDRH4D18NP-5R6NC
0.84
162m(125m)
4.7
±30%
4R7
CDRH4D18NP-4R7NC
0.88
155m(120m)
3.9
±30%
3R9
CDRH4D18NP-3R9NC
1.04
110m(85m)
3.3
±30%
3R3
CDRH4D18NP-3R3NC
1.28
105m(80m)
2.7
±30%
2R7
CDRH4D18NP-2R7NC
1.32
75m(58m)
2.2
±30%
2R2
CDRH4D18NP-2R2NC
1.72
45m(35m)
1.0
±30%
1R0
CDRH4D18NP-1R0NC
Rated Current
(A)
※2
D.C.R.(
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part No.


Similar Part No. - CDRH4D18_14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
CDRH4D18-100 LINER-CDRH4D18-100 Datasheet
142Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
Sumida Corporation
CDRH4D18-100 SUMIDA-CDRH4D18-100 Datasheet
84Kb / 1P
   POWER INDUCTORS (SMT Type)
logo
ECM Electronics Limited...
CDRH4D18-100 ECM-CDRH4D18-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH4D18-100 AITCOMPONENTS-CDRH4D18-100 Datasheet
30Kb / 1P
   CDRH4D18 SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH4D18-101 SUMIDA-CDRH4D18-101 Datasheet
84Kb / 1P
   POWER INDUCTORS (SMT Type)
More results

Similar Description - CDRH4D18_14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com