Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH127HP Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH127HP
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127HP Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH127HP Datasheet HTML 1Page - Sumida Corporation CDRH127HP Datasheet HTML 2Page - Sumida Corporation CDRH127HP Datasheet HTML 3Page - Sumida Corporation CDRH127HP Datasheet HTML 4Page - Sumida Corporation CDRH127HP Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH127/HP
Electrical Characteristics
0.62(0.70)
0.88(1.10)
1.61(1.34)
1000
±20%
CDRH127/HPNP-102MC
0.68(0.78)
0.94(1.18)
1.42(1.18)
820
±20%
CDRH127/HPNP-821MC
0.72(0.80)
0.98(1.22)
1.31(1.09)
680
±20%
CDRH127/HPNP-681MC
0.84(0.94)
1.15(1.44)
0.950(0.760)
560
±20%
CDRH127/HPNP-561MC
0.92(1.04)
1.28(1.60)
0.839(0.671)
470
±20%
CDRH127/HPNP-471MC
1.05(1.18)
1.33(1.66)
0.668(0.534)
390
±20%
CDRH127/HPNP-391MC
1.05(1.20)
1.46(1.82)
0.579(0.463)
330
±20%
CDRH127/HPNP-331MC
1.10(1.25)
1.64(2.05)
0.533(0.426)
270
±20%
CDRH127/HPNP-271MC
1.40(1.60)
1.82(2.27)
0.359(0.287)
220
±20%
CDRH127/HPNP-221MC
1.45(1.65)
1.94(2.42)
0.319(0.255)
180
±20%
CDRH127/HPNP-181MC
1.42(1.62)
2.08(2.60)
0.314(0.251)
150
±20%
CDRH127/HPNP-151MC
1.55(1.78)
2.44(3.05)
0.278(0.222)
120
±20%
CDRH127/HPNP-121MC
1.56(1.80)
2.52(3.15)
0.253(0.202)
100
±20%
CDRH127/HPNP-101MC
2.25(2.55)
2.88(3.60)
0.148(0.118)
82
±20%
CDRH127/HPNP-820MC
2.25(2.55)
3.20(4.00)
0.135(0.108)
68
±20%
CDRH127/HPNP-680MC
2.50(2.85)
3.36(4.20)
0.105(84.0m)
56
±20%
CDRH127/HPNP-560MC
2.70(3.10)
3.40(4.25)
93.8m(75.0m)
47
±20%
CDRH127/HPNP-470MC
2.98(3.39)
3.92(4.90)
83.8m(67.0m)
39
±20%
CDRH127/HPNP-390MC
2.90(3.30)
4.32(5.40)
77.5m(62.0m)
33
±20%
CDRH127/HPNP-330MC
3.60(4.10)
4.96(6.20)
56.3m(45.0m)
27
±20%
CDRH127/HPNP-270MC
3.73(4.20)
5.60(7.00)
48.8m(39.0m)
22
±20%
CDRH127/HPNP-220MC
4.15(4.80)
5.68(7.10)
33.8m(27.0m)
18
±20%
CDRH127/HPNP-180MC
4.50(5.10)
6.16(7.70)
31.3m(25.0m)
15
±20%
CDRH127/HPNP-150MC
4.70(5.40)
6.56(8.20)
28.8m(23.0m)
12
±20%
CDRH127/HPNP-120MC
4.90(5.60)
6.72(8.40)
26.3m(21.0m)
10
±20%
CDRH127/HPNP-100MC
5.25(6.00)
8.16(10.20)
23.8m(19.0m)
7.6+40%
-20%
CDRH127/HPNP-7R6NC
5.50(6.25)
9.12(11.40)
21.3m(17.0m)
6.1+40%
-20%
CDRH127/HPNP-6R1NC
6.01(6.85)
10.80(13.50)
18.8m(15.0m)
4.7+40%
-20%
CDRH127/HPNP-4R7NC
7.30(8.30)
12.24(15.30)
12.5m(10.0m)
3.5+40%
-20%
CDRH127/HPNP-3R5NC
7.70(8.95)
13.60(17.00)
11.3m(9.0m)
2.4+40%
-20%
CDRH127/HPNP-2R4NC
Temperature
rise current
(
A) ※3
Saturation current
(A)※2
(at 20
℃)
D.C.R. (
Ω)
[Max.](Typ.)
(at 20
℃)
Inductance
(
μH)
[Within]※1
Part No.
※1. Inductance measuring condition: at 1.2μH ~ 7.6μH at 100kHz
10
μH ~ 1.0mH at 1kHz
※2. Saturation current: The value of D.C. current when the inductance decreases to 75% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).


Similar Part No. - CDRH127HP

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH127 SUMIDA-CDRH127 Datasheet
139Kb / 2P
   POWER INDUCTORS
logo
ECM Electronics Limited...
CDRH127 ECM-CDRH127 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
Sumida Corporation
CDRH127 SUMIDA-CDRH127 Datasheet
166Kb / 3P
   POWER INDUCTORS
logo
AIT Components Ltd.
CDRH127 AITCOMPONENTS-CDRH127 Datasheet
34Kb / 1P
   CDRH127 SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH127 SUMIDA-CDRH127 Datasheet
183Kb / 4P
   POWER INDUCTORS SMD Type: CDRH Series
More results

Similar Description - CDRH127HP

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com