Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH127HP Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH127HP
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127HP Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH127HP Datasheet HTML 1Page - Sumida Corporation CDRH127HP Datasheet HTML 2Page - Sumida Corporation CDRH127HP Datasheet HTML 3Page - Sumida Corporation CDRH127HP Datasheet HTML 4Page - Sumida Corporation CDRH127HP Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH127/HP
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H: 12.5×12.5×8.0 mm Max.
• Product weight: 3.6g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+100℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 13”diameter reel
• 500pcs per reel
Applications
• Ideally used in Notebook PC, LCD TV,DVD,
Game machine, STB ,Projector etc as DC-DC
converter inductors.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
12.5 Max.
Electrode
12
.5
Ma
x.
12
.0
±
0.
2
7.
6
0.2
8.0 Max.
5.0±0.2
2
1
Dimension of CDRH127/HP
2.
9
7.
0
12
.8
5.4
Part of solder resist printing
2.4μH~56μH
180μH~1.0mH
68μH~150μH


Similar Part No. - CDRH127HP

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH127 SUMIDA-CDRH127 Datasheet
139Kb / 2P
POWER INDUCTORS
logo
ECM Electronics Limited...
CDRH127 ECM-CDRH127 Datasheet
162Kb / 7P
Surface Mount Power Inductors
logo
Sumida Corporation
CDRH127 SUMIDA-CDRH127 Datasheet
166Kb / 3P
POWER INDUCTORS
logo
AIT Components Ltd.
CDRH127 AITCOMPONENTS-CDRH127 Datasheet
34Kb / 1P
CDRH127 SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH127 SUMIDA-CDRH127 Datasheet
183Kb / 4P
POWER INDUCTORS SMD Type: CDRH Series
More results

Similar Description - CDRH127HP

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com