Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1041AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TJA1041AT
Description  High speed CAN transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1041AT Datasheet(HTML) 3 Page - NXP Semiconductors

  TJA1041AT Datasheet HTML 1Page - NXP Semiconductors TJA1041AT Datasheet HTML 2Page - NXP Semiconductors TJA1041AT Datasheet HTML 3Page - NXP Semiconductors TJA1041AT Datasheet HTML 4Page - NXP Semiconductors TJA1041AT Datasheet HTML 5Page - NXP Semiconductors TJA1041AT Datasheet HTML 6Page - NXP Semiconductors TJA1041AT Datasheet HTML 7Page - NXP Semiconductors TJA1041AT Datasheet HTML 8Page - NXP Semiconductors TJA1041AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2004 Feb 20
3
Philips Semiconductors
Product specification
High speed CAN transceiver
TJA1041A
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC voltage on pin VCC
operating range
4.75
5.25
V
VI/O
DC voltage on pin VI/O
operating range
2.8
5.25
V
VBAT
DC voltage on pin VBAT
operating range
5
27
V
IBAT
VBAT input current
VBAT = 12 V
10
30
µA
VCANH
DC voltage on pin CANH
0 < VCC < 5.25 V; no time limit
−27
+40
V
VCANL
DC voltage on pin CANL
0 < VCC < 5.25 V; no time limit
−27
+40
V
VSPLIT
DC voltage on pin SPLIT
0 < VCC < 5.25 V; no time limit
−27
+40
V
Vesd
electrostatic discharge voltage
Human Body Model (HBM)
pins CANH, CANL and SPLIT
−6+6
kV
all other pins
−4+4
kV
tPD(TXD-RXD)
propagation delay TXD to RXD
VSTB = 0 V
40
255
ns
Tvj
virtual junction temperature
−40
+150
°C


Similar Part No. - TJA1041AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1041AT NXP-TJA1041AT Datasheet
565Kb / 25P
   High-speed CAN transceiver
Rev. 04-29 July 2008
More results

Similar Description - TJA1041AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com