Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1041AT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TJA1041AT
Description  High speed CAN transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1041AT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TJA1041AT Datasheet HTML 6Page - NXP Semiconductors TJA1041AT Datasheet HTML 7Page - NXP Semiconductors TJA1041AT Datasheet HTML 8Page - NXP Semiconductors TJA1041AT Datasheet HTML 9Page - NXP Semiconductors TJA1041AT Datasheet HTML 10Page - NXP Semiconductors TJA1041AT Datasheet HTML 11Page - NXP Semiconductors TJA1041AT Datasheet HTML 12Page - NXP Semiconductors TJA1041AT Datasheet HTML 13Page - NXP Semiconductors TJA1041AT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2004 Feb 20
10
Philips Semiconductors
Product specification
High speed CAN transceiver
TJA1041A
The tdom(TXD) timer defines the minimum possible bit rate
of 40 kbit/s. The transmitter remains disabled until the
local failure flag is cleared.
RXD RECESSIVE CLAMPING DETECTION
An RXD pin clamped to HIGH level will prevent the
controller connected to this pin from recognizing a bus
dominant state. So the controller can start messages at
any time, which is likely to disturb all bus communication.
RXD recessive clamping detection prevents this effect by
disabling the transmitter when the bus is in dominant state
without RXD reflecting this. The transmitter remains
disabled until the local failure flag is cleared.
TXD-TO-RXD SHORT-CIRCUIT DETECTION
A short-circuit between pins RXD and TXD would keep the
bus in a permanent dominant state once the bus is driven
dominant, because the low-side driver of RXD is typically
stronger than the high-side driver of the controller
connected to TXD. The TXD-to-RXD short-circuit
detection prevents such a network lock-up by disabling the
transmitter. The transmitter remains disabled until the local
failure flag is cleared.
BUS DOMINANT CLAMPING DETECTION
A CAN bus short circuit (to VBAT,VCC or GND) or a failure
in one of the other network nodes could result in a
differential voltage on the bus high enough to represent a
bus dominant state. Because a node will not start
transmission if the bus is dominant, the normal bus failure
detection will not detect this failure, but the bus dominant
clamping detection will. The local failure flag is set if the
dominant state on the bus persists for longer than tdom(bus).
By checking this flag, the controller can determine if a
clamped bus is blocking network communication. There is
no need to disable the transmitter. Note that the local
failure flag does not retain a bus dominant clamping
failure, and is released as soon as the bus returns to
recessive state.
OVER-TEMPERATURE DETECTION
To protect the output drivers of the transceiver against
overheating, the transmitter will be disabled if the virtual
junction temperature exceeds the shutdown junction
temperature Tj(sd). The transmitter remains disabled until
the local failure flag is cleared.
Recessive bus voltage stabilization
In recessive state the output impedance of transceivers is
relatively high. In a partially powered network (supply
voltage is off in some of the nodes) any deactivated
transceiver with a significant leakage current is likely to
load the recessive bus to ground. This will cause a
common-mode voltage step each time transmission starts,
resulting in increased ElectroMagnetic Emission (EME).
Using pin SPLIT of the TJA1041A in combination with split
termination (see Fig.5) will reduce this step effect. In
normal mode and pwon/listen-only mode pin SPLIT
provides a stabilized 0.5VCC DC voltage. In standby mode,
go-to-sleep command mode and sleep mode pin SPLIT is
set floating.
I/O level adapter
The TJA1041A is equipped with a built-in I/O-level
adapter. By using the supply voltage of the controller (to be
supplied at pin VI/O) the level adapter ratio-metrically
scales the I/O-levels of the transceiver. For pins TXD, STB
and EN the digital input threshold level is adjusted, and for
pins RXD and ERR the HIGH-level output voltage is
adjusted. This allows the transceiver to be directly
interfaced with controllers on supply voltages between
2.8 V and 5.25 V, without the need for glue logic.
Pin WAKE
Pin WAKE of the TJA1041A allows local wake-up
triggering by a LOW to HIGH state change as well as a
HIGH to LOW state change. This gives maximum flexibility
when designing a local wake-up circuit. To keep current
consumption at a minimum, after a twake delay the internal
bias voltage of pin WAKE will follow the logic state of this
pin. A HIGH level on pin WAKE is followed by an internal
pull-up to VBAT. A LOW level on pin WAKE is followed by
an internal pull-down towards GND. To ensure EMI
performance in applications not using local wake-up it is
recommended to connect pin WAKE to pin VBAT or to pin
GND.


Similar Part No. - TJA1041AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1041AT NXP-TJA1041AT Datasheet
565Kb / 25P
   High-speed CAN transceiver
Rev. 04-29 July 2008
More results

Similar Description - TJA1041AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com