Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1041AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TJA1041AT
Description  High speed CAN transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1041AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TJA1041AT Datasheet HTML 3Page - NXP Semiconductors TJA1041AT Datasheet HTML 4Page - NXP Semiconductors TJA1041AT Datasheet HTML 5Page - NXP Semiconductors TJA1041AT Datasheet HTML 6Page - NXP Semiconductors TJA1041AT Datasheet HTML 7Page - NXP Semiconductors TJA1041AT Datasheet HTML 8Page - NXP Semiconductors TJA1041AT Datasheet HTML 9Page - NXP Semiconductors TJA1041AT Datasheet HTML 10Page - NXP Semiconductors TJA1041AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2004 Feb 20
7
Philips Semiconductors
Product specification
High speed CAN transceiver
TJA1041A
handbook, full pagewidth
MGU983
STANDBY
MODE
NORMAL
MODE
GO-TO-SLEEP
COMMAND
MODE
LEGEND:
= H, = L
flag set
flags cleared
logical state of pin
setting pwon and/or wake-up flag
pwon and wake-up flag both cleared
SLEEP
MODE
PWON / LISTEN-
ONLY MODE
flags cleared
and
t
> th(min)
STB = H and EN = H
and
UVNOM cleared
STB = H and EN = L
and
UVNOM cleared
STB = L
and
flag set
STB = L
and
(EN = L or flag set)
STB = L and EN = H
and
flags cleared
STB = H
and
EN = H
STB = H
and
EN = L
STB = L
and
(EN = L or flag set)
STB = L and EN = H
and
flags cleared
STB = L
and
EN = H
STB = H
and
EN = H
STB = L
and
EN = L
STB = H
and
EN = L
STB = H
and
EN = H
STB = H
and
EN = L
Fig.3 Mode transitions when VCC, VI/O and VBAT are present.
NORMAL MODE
Normal mode is the mode for normal bi-directional CAN
communication. The receiver will convert the differential
analog bus signal on pins CANH and CANL into digital
data, available for output to pin RXD. The transmitter will
convert digital data on pin TXD into a differential analog
signal, available for output to the bus pins. The bus pins
are biased at 0.5VCC (via Ri(cm)). Pin INH is active, so
voltage regulators controlled by pin INH (see Fig.4) will be
active too.
PWON/LISTEN-ONLY MODE
In pwon/listen-only mode the transmitter of the transceiver
is disabled, effectively providing a transceiver listen-only
behaviour. The receiver will still convert the analog bus
signal on pins CANH and CANL into digital data, available
for output to pin RXD. As in normal mode the bus pins are
biased at 0.5VCC, and pin INH remains active.
STANDBY MODE
The standby mode is the first-level power saving mode of
the transceiver, offering reduced current consumption.
In standby mode the transceiver is not able to transmit or
receive data and the low-power receiver is activated to
monitor bus activity. The bus pins are biased at ground
level (via Ri(cm)). Pin INH is still active, so voltage
regulators controlled by this pin INH will be active too.


Similar Part No. - TJA1041AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1041AT NXP-TJA1041AT Datasheet
565Kb / 25P
   High-speed CAN transceiver
Rev. 04-29 July 2008
More results

Similar Description - TJA1041AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com