Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0395 Datasheet(PDF) 15 Page - Texas Instruments

Part # LMH0395
Description  3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0395 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMH0395_15 Datasheet HTML 11Page - Texas Instruments LMH0395_15 Datasheet HTML 12Page - Texas Instruments LMH0395_15 Datasheet HTML 13Page - Texas Instruments LMH0395_15 Datasheet HTML 14Page - Texas Instruments LMH0395_15 Datasheet HTML 15Page - Texas Instruments LMH0395_15 Datasheet HTML 16Page - Texas Instruments LMH0395_15 Datasheet HTML 17Page - Texas Instruments LMH0395_15 Datasheet HTML 18Page - Texas Instruments LMH0395_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Host
MISO
MOSI
SCK
SS
LMH0395
MOSI
MISO
LMH0395
MOSI
MISO
LMH0395
MOSI
MISO
LMH0395
MOSI
MISO
Device 1
Device 2
Device 3
Device N
LMH0395
www.ti.com
SNLS323M – AUGUST 2010 – REVISED JULY 2015
Programming (continued)
In order to facilitate daisy-chaining, the prior SPI command, address, and data are shifted out on the MISO
output as the current command, address, and data are shifted in on the MOSI input. For SPI writes, the MISO
output is typically ignored as “Don't Care” data. For SPI reads, the MISO output provides the requested read data
(after 16 periods of SCK). The MISO output is active when SS low, and tri-stated when SS is high.
7.5.1.2 SPI Write
The SPI write is shown in Figure 2. The SPI write is 16 bits long. The 16-bit MOSI payload consists of a “0” (write
command), seven address bits, and eight data bits. The SS signal is driven low, and the 16 bits are sent to the
LMH0395's MOSI input. After the SPI write, SS must return high. The prior SPI command, address, and data
shifted out on the MISO output during the SPI write is shown as “Don't Care” on the MISO output in Figure 2.
7.5.1.3 SPI Read
The SPI read is shown in Figure 3. The SPI read is 32 bits long, consisting of a 16-bit read transaction followed
by a 16-bit dummy read transaction to shift out the read data on the MISO output. The first 16-bit MOSI payload
consists of a “1” (read command), seven address bits, and eight “1”s which are ignored. The second 16-bit MOSI
payload consists of 16 “1”s which are ignored but necessary in order to shift out the requested read data on the
MISO output. The SS signal is driven low, and the first 16 bits are sent to the LMH0395's MOSI input. The prior
SPI command, address, and data are shifted out on the MISO output during the first 16-bit transaction, and are
typically ignored (this is shown as “Don't Care” on the MISO output in Figure 3. SS must return high and then is
driven low again before the second 16 bits (all “1”s) are sent to the LMH0395's MOSI input. Once again, the prior
SPI command, address, and data are shifted out on the MISO output, but this data now includes the requested
read data. The read data is available on the MISO output during the second 8 bits of the 16-bit dummy read
transaction, as shown by D7-D0 in Figure 3.
7.5.1.4 SPI Daisy-Chain Operation
The LMH0395 SPI controller supports daisy-chaining the serial data between an unlimited number of LMH0395
devices. Each LMH0395 device is directly connected to the SCK and SS pins on the host. However, only the first
LMH0395 device in the chain is connected to the host’s MOSI pin, and only the last device in the chain is
connected to the host’s MISO pin. The MISO pin of each intermediate LMH0395 device in the chain is connected
to the MOSI pin of the next LMH0395 device, creating a serial shift register. This daisy-chain architecture is
shown in Figure 9.
Figure 9. SPI Daisy Chain System Architecture
In a daisy-chain configuration of N LMH0395 devices, the host conceptually sees a shift register of length 16xN.
Therefore the length of SPI transactions (as previously described) is 16xN bits, and SS must be asserted for
16xN clock cycles for each SPI transaction.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMH0395


Similar Part No. - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395QX TI1-LMH0395QX Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ TI1-LMH0395SQ Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQE TI1-LMH0395SQE Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results

Similar Description - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com