Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0395 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMH0395
Description  3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0395 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH0395_15 Datasheet HTML 8Page - Texas Instruments LMH0395_15 Datasheet HTML 9Page - Texas Instruments LMH0395_15 Datasheet HTML 10Page - Texas Instruments LMH0395_15 Datasheet HTML 11Page - Texas Instruments LMH0395_15 Datasheet HTML 12Page - Texas Instruments LMH0395_15 Datasheet HTML 13Page - Texas Instruments LMH0395_15 Datasheet HTML 14Page - Texas Instruments LMH0395_15 Datasheet HTML 15Page - Texas Instruments LMH0395_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
0
50 100 150 200 250 300 350 400
1.2
1.4
1.6
1.8
2.0
2.2
BELDEN 1694A CABLE LENGTH (m)
LMH0395
SNLS323M – AUGUST 2010 – REVISED JULY 2015
www.ti.com
Feature Description (continued)
The SPI Control block uses the MOSI, MISO, SCK, and SS signals in SPI mode to control the SPI registers.
SPI_EN selects between SPI mode and pin mode. In pin mode, SPI_EN is driven logic low.
The Output Drivers produce SDO0, SDO0, SDO1, and SDO1.
7.3.1 Mute Reference (MuteREF)
The mute reference sets the threshold for CD and (with CD tied to MUTE) determines the amount of cable to
equalize before automatically muting the outputs. This is set by applying a voltage inversely proportional to the
length of cable to equalize. The applied voltage must be greater than the MUTEREF floating voltage (typically 1.3
V) in order to change the CD threshold. As the applied MUTEREF voltage is increased, the amount of cable that
can be equalized before carrier detect is de-asserted and the outputs are muted is decreased. MUTEREF may be
left unconnected or connected to ground for normal CD operation. Optionally, the LMH0395 allows the mute
reference to be set digitally through SPI register 03h.
Figure 6 shows the minimum MUTEREF input voltage required to force carrier detect to inactive vs. Belden 1694A
cable length. The results shown are valid for Belden 1694A cable lengths of 0-200 m at 2.97 Gbps, 0-220 m at
1.485 Gbps, and 0-400 m at 270 Mbps.
Figure 6. MuteREF vs. Belden 1694a Cable Length
7.3.2 Carrier Detect (CD) and Mute
Carrier detect CD indicates if a valid signal is present at the LMH0395 input. This signal is a logical OR operation
of internal energy detector and MUTEREF setting (if used). Internal energy detector detects energy across
different data rates. If MUTEREF is used, the carrier detect threshold will be altered accordingly. CD provides a
high voltage when no signal is present at the LMH0395 input. CD is low when a valid input signal is detected.
MUTE can be used to manually mute or enable the output drivers. Applying a high input to MUTE will mute the
LMH0395 outputs by forcing the output to a logic 1. Applying a low input will force the outputs to be active.
In pin mode, CD and MUTE may be tied together to automatically mute the output when no input signal is
present.
7.3.3 Input Interfacing
The LMH0395 accepts single-ended input. The input must be AC coupled. The Functional Block Diagram
diagram shows the typical configuration for a single-ended input. The unused input must be properly terminated
as shown in Figure 7 or Figure 8.
The LMH0395 can be optimized for different launch amplitudes through the SPI (see Launch Amplitude
Optimization in the SPI Register Access section).
The LMH0395 correctly handles equalizer pathological signals for standard definition and high definition serial
digital video, as described in ST RP 178 and RP 198, respectively.
12
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMH0395


Similar Part No. - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395QX TI1-LMH0395QX Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ TI1-LMH0395SQ Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQE TI1-LMH0395SQE Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results

Similar Description - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com