Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0395 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH0395
Description  3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0395 Datasheet(HTML) 1 Page - Texas Instruments

  LMH0395_15 Datasheet HTML 1Page - Texas Instruments LMH0395_15 Datasheet HTML 2Page - Texas Instruments LMH0395_15 Datasheet HTML 3Page - Texas Instruments LMH0395_15 Datasheet HTML 4Page - Texas Instruments LMH0395_15 Datasheet HTML 5Page - Texas Instruments LMH0395_15 Datasheet HTML 6Page - Texas Instruments LMH0395_15 Datasheet HTML 7Page - Texas Instruments LMH0395_15 Datasheet HTML 8Page - Texas Instruments LMH0395_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
AEC+
Equalizer
Filter
AEC-
MUTE
MUTEREF
DC
Restoration/
Level Control
Automatic
Equalization
Control
SDI
SDI
SDO0
SDO0
BYPASS
Output
Drivers
$
MUTEREF
Energy
Detect
Energy
Detect
CD
AUTO SLEEP
Carrier
Detect
SPI_EN
SPI Control
De-Emphasis
Control
SDO1
SDO1
SDO1_
DISABLE
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMH0395
SNLS323M – AUGUST 2010 – REVISED JULY 2015
LMH0395 3G HD/SD SDI Dual Output Low Power
Extended Reach Adaptive Cable Equalizer
1 Features
3 Description
The LMH0395 3-Gbps HD/SD SDI Dual Output Low
1
ST 424, ST 292, ST 344, ST 259, and DVB-ASI
Power Extended Reach Adaptive Cable Equalizer is
Compliant(1)
designed to equalize data transmitted over cable (or
Equalized Cable Lengths (Belden 1694A): 200
any
media
with
similar
dispersive
loss
Meters at 2.97 Gbps, 220 Meters at 1.485 Gbps,
characteristics). The equalizer operates over a wide
and 400 Meters at 270 Mbps
range of data rates from 125 Mbps to 2.97 Gbps and
supports ST 424, ST 292, ST 344, ST 259, and DVB-
Ultra-low Power Consumption: 140 mW (Dual
ASI standards.
Outputs), 115 mW (Single Output)
Dual Differential Outputs; Second Output Can Be
The LMH0395 device provides extended cable reach
with improved immunity to crosstalk and ultra low
Independently Powered Down
power consumption. The equalizer includes active
Power-Save Mode With Auto Sleep Control (17-
sensing circuitry that ensures robust performance and
mW Typical Power Consumption in Power-Save
enhanced immunity to variations in the input signal
Mode)
launch
amplitude.
The
LMH0395
offers
power
Designed for Crosstalk Immunity
management to further reduce power consumption
when no input signal is present.
Output De-Emphasis to Compensate for FR4
Board Trace Losses
The LMH0395 has two differential serial data outputs,
Digital and Analog Programmable MUTEREF
increasing flexibility and eliminating the need for a
fanout buffer on the output in many applications. The
Threshold
outputs
may
be
independently
enabled
and
Optional SPI Register Access and Pin Mode
controlled. The output drivers offer programmable de-
Operation
emphasis for up to 40 inches of FR4 trace losses.
Input Data Rates: 125 Mbps to 2.97 Gbps
The LMH0395 supports two modes of operation. In
pin mode, the LMH0395 operates with control pins to
Internally Terminated 100-
Ω LVDS Outputs With
set its operating state. In SPI mode, an optional SPI
Programmable Output Common-Mode Voltage
serial interface can be used to access and configure
and Swing
multiple
LMH0395
devices
in
a
daisy-chain
Programmable Launch Amplitude Optimization
configuration.
Cable Length Indicator
Device Information(1)
Single 2.5-V Supply Operation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
24-Pin WQFN Package
LMH0395
WQFN (24)
4.00 mm × 4.00 mm
Industrial Temperature Range:
−40°C to +85°C
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
ST 424, ST 292, ST 344, and ST 259 Serial
Functional Block Diagram
Digital Interfaces(1)
Broadcast Video Routers, Switchers, and
Distribution Amplifiers
(1)
Due to SMPTE naming convention, all SMPTE Engineering
Documents will be numbered as a two-letter prefix and a
number. Documents and references with the same root
number and year are functionally identical; for example ST
424-2006 and SMPTE 424M-2006 refer to the same
document.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395QX TI1-LMH0395QX Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ TI1-LMH0395SQ Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQE TI1-LMH0395SQE Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results

Similar Description - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com