Electronic Components Datasheet Search |
|
LMH0395 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
LMH0395 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 33 page 1 4 3 2 LMH0395 18 15 16 17 10 7 8 9 21 24 23 22 VEE SDI 5 6 SPI_EN 12 11 13 14 SDO0 19 20 VEE SDI VEE SDO0 VEE SDO1 SDO1 DAP = VEE SS LMH0395 SNLS323M – AUGUST 2010 – REVISED JULY 2015 www.ti.com Pin Functions – Pin Mode (Non-SPI) / SPI_EN = GND(1) (continued) PIN TYPE DESCRIPTION NO. NAME Auto Sleep AUTO SLEEP has precedence over MUTE and BYPASS. This pin has an internal pullup. 19 AUTO SLEEP I, LVCMOS H = When no input signal is detected, the device will power down and the outputs will be in a high impedance state. L = Device will not enter auto power down. 20 VCC Power Positive power supply (+2.5 V) Output mute CD may be tied to this pin to inhibit the output when no input signal is present. MUTE has 21 MUTE I, LVCMOS precedence over BYPASS. This pin has an internal pulldown. H = Outputs are forced to a constant logic high state. L = Outputs are enabled. Carrier detect 22 CD O, LVCMOS H = No input signal detected. L = Input signal detected. 23 VEE Ground Negative power supply (ground) 24 VCC Power Positive power supply (+2.5 V) Connect exposed DAP to negative power supply (ground). See Figure 22 for layout DAP VEE Ground example RTW Package 24-Pin WQFN SPI Mode Top View Pin Functions – SPI Mode / SPI_EN = VCC (1) PIN I/O, TYPE DESCRIPTION NO. NAME 1 VEE Ground Negative power supply (ground) 2 VEE Ground Negative power supply (ground) 3 SDI I, Analog Serial data true input 4 SDI I, Analog Serial data complement input 5 VEE Ground Negative power supply (ground) (1) The exposed die attach pad is a negative electrical terminal for this device. It should be connected to the negative power supply voltage. 4 Submit Documentation Feedback Copyright © 2010–2015, Texas Instruments Incorporated Product Folder Links: LMH0395 |
Similar Part No. - LMH0395_15 |
|
Similar Description - LMH0395_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |